Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTP9167 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 2 Page - Renesas Technology Corp

  IDTP9167 Datasheet HTML 1Page - Renesas Technology Corp IDTP9167 Datasheet HTML 2Page - Renesas Technology Corp IDTP9167 Datasheet HTML 3Page - Renesas Technology Corp IDTP9167 Datasheet HTML 4Page - Renesas Technology Corp IDTP9167 Datasheet HTML 5Page - Renesas Technology Corp IDTP9167 Datasheet HTML 6Page - Renesas Technology Corp IDTP9167 Datasheet HTML 7Page - Renesas Technology Corp IDTP9167 Datasheet HTML 8Page - Renesas Technology Corp IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
January 28, 2014
2
IDTP9167
Advanced Datasheet
ABSOLUTE MAXIMUM RATINGS
These absolute maximum ratings are stress ratings only. Stress greater than those listed below may cause permanent
damage to the device. Functional operation of the IDTP9167 at absolute maximum ratings is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect long-term reliability.
Table 1 – Absolute Maximum Ratings. All voltages are referred to ground, unless otherwise noted.
PINS
MAXIMUM
RATING
UNITS
PVIN
-0.3 to 13.2
V
VSYS
-0.3 to 6.0
V
DIF, DIO
-0.3 to 2.2
V
RSET
-0.3 to 6.0
V
VPG
-0.3 < PVIN-VPG < 6.0
V
Table 2 - Package Thermal Information
SYMBOL
DESCRIPTION
RATING
UNITS
θJA
Thermal Resistance Junction to Ambient
36
°
C/W
θJC
Thermal Resistance Junction to EPAD
7
°
C/W
ΨJT
Junction to Top of Case
10
°
C/W
TJ
Junction Temperature
-40 to +125
°
C
TA
Ambient Operating Temperature
-40 to +85
°
C
TSTG
Storage Temperature
-55 to +150
°
C
TLEAD
Lead Temperature (soldering, 10s)
+300
°
C
Note 1
: The maximum power dissipation is PD(MAX) = (TJ(MAX) - TA) / θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the device will enter thermal shutdown.
Note 2
: The thermal rating is calculated based on a JEDEC standard 4-layer board with dimensions 101 mm x 101 mm in still air conditions with 2 oz.
copper on the all four layers, 10 thermal Vias at 889 µm pitch, 508 µm drills connecting the EPAD, and an extended PCB pad of 760 µm.
Note 3
: Actual thermal resistance is affected by PCB size, solder joint quality, layer count, copper thickness, air flow, altitude, and other unlisted variables.
Table 3 – Absolute Maximum Ratings
SYMBOL
PARAMETER
RATING
UNIT
ESD Rating
(HBM) Human Body Model
±2000
V
(CDM) Charge Device Model (all pins)
±500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com