Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTP9167 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp IDTP9167 Datasheet HTML 10Page - Renesas Technology Corp IDTP9167 Datasheet HTML 11Page - Renesas Technology Corp IDTP9167 Datasheet HTML 12Page - Renesas Technology Corp IDTP9167 Datasheet HTML 13Page - Renesas Technology Corp IDTP9167 Datasheet HTML 14Page - Renesas Technology Corp IDTP9167 Datasheet HTML 15Page - Renesas Technology Corp IDTP9167 Datasheet HTML 16Page - Renesas Technology Corp IDTP9167 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
January 28, 2014
13
IDTP9167
Advanced Datasheet
Power input capacitor – CPVIN
CPVIN is the power input bypass capacitor. As with any switching regulator, this capacitor can supply high transient currents.
The ripple current and ripple voltage can be calculated for the appropriate capacitor using the following approximate equation:
������������������������=�������������������������������������������������/������������������
The voltage ripple across the input capacitor is given by:
������������������=������������������������/������������������×������������������������×�������������������������+������−������������������������/������������������
�������������������������������������������������
For typical application as described in the EC table, assuming maximum load current of 5.5A, the ripple current through the
capacitor equates to IRMS = 1.95A. When the recommended 2 x 10µF PVIN capacitor is used, the voltage ripple is calculated
to be 22mVPP assuming effective capacitor ESR of 10mΩ. This calculation excludes the effect of series inductance in the
capacitor and the PCB trace leading to it. In actual application, the PVIN voltage spikes caused by this inductance way exceed
the calculated ripple voltage. Therefore, it is recommended that two 10µF capacitors be used instead of a single 22µF.
Additionally, it is recommended that 25V capacitors be used for reliability.
Output capacitor – COUT
The output capacitor temporarily supplies the transient load current as well as provides regulator stability. For stability, the
minimum COUT should be around 100uF per phase, and this should provide reasonable load step response. This value can be
increased to reduce the voltage droop due to load transients but with diminishing effect. The capacitance may be provided
from the load device’s supply bypass capacitor bank, depending upon a few considerations. In general, for regulator stability,
the feedback should be taken across the output capacitor COUT. For most systems, the host PMIC’s Buck regulator feedback
and ground-sense signals will be connected at the load device’s power supply pins and ground connections points
respectively, where usually the supply capacitor bank is also placed. As long as there is at least 94µF per DPU of total
capacitance in the bank, the local COUT at each DPU may be removed. In the case of a distributed power system where
individual DPUs are widely separated on the PCB or far away from the load device, it is recommended to have an additional
10µF ceramic capacitor placed locally at the VOUT side of the inductor connection of each DPU. This local capacitor will absorb
some of the inductor ripple current, reducing EMI effects in the PCB trace connecting VOUT to the load device.
VPG bypass capacitor – CVPG
This is the decoupling capacitor for the internal 5V VSYS-tracking high-side LDO which supplies the high-side switch driving
circuitry, and is connected between the PVIN and VPG pins. A 10V 1µF ceramic capacitor should be used. The voltage
dependency of the capacitor, which can vary with case size, should be such that the de-rated capacitance should be at least
0.8µF when 5V is across it.
VSYS bypass capacitor – CVSYS
This is the input bypass capacitor for the 5V VSYS supply input which powers the low-side switch driving circuitry as well as all
biasing and control circuitry in the device. It is connected between the VSYS and PGND pins. A 10V 4.7µF ceramic capacitor
is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com