Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTP9167 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 4 Page - Renesas Technology Corp

  IDTP9167 Datasheet HTML 1Page - Renesas Technology Corp IDTP9167 Datasheet HTML 2Page - Renesas Technology Corp IDTP9167 Datasheet HTML 3Page - Renesas Technology Corp IDTP9167 Datasheet HTML 4Page - Renesas Technology Corp IDTP9167 Datasheet HTML 5Page - Renesas Technology Corp IDTP9167 Datasheet HTML 6Page - Renesas Technology Corp IDTP9167 Datasheet HTML 7Page - Renesas Technology Corp IDTP9167 Datasheet HTML 8Page - Renesas Technology Corp IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
January 28, 2014
4
IDTP9167
Advanced Datasheet
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O Characteristics (Informative)
VIL
Low level input voltage
0.65
V
VIH
High level input voltage
1.15
V
VOL
DIO output low voltage
At IOL = 12mA (open-drain output)
0.3
V
tDG
Input deglitch time
4
ns
fDIF
DIF input frequency range
3.7
4.0
4.2
MHz
dtDIF
DIF duty-cycle range
Internally limited
17
83
%
tST
Device start-up time
From DIO assertion
200
µ
s
DMAX
Maximum distance from host
to furthest DPU device
CTRACE < 80pF
2
ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com