Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTP9167 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IDTP9167
Description  5.5A Distributed Power Unit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9167 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IDTP9167 Datasheet HTML 1Page - Renesas Technology Corp IDTP9167 Datasheet HTML 2Page - Renesas Technology Corp IDTP9167 Datasheet HTML 3Page - Renesas Technology Corp IDTP9167 Datasheet HTML 4Page - Renesas Technology Corp IDTP9167 Datasheet HTML 5Page - Renesas Technology Corp IDTP9167 Datasheet HTML 6Page - Renesas Technology Corp IDTP9167 Datasheet HTML 7Page - Renesas Technology Corp IDTP9167 Datasheet HTML 8Page - Renesas Technology Corp IDTP9167 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
5.5A Distributed Power Unit
(DPU)
Advanced Datasheet
IDTP9167
January 28, 2014
1
Features
Dual supply input:
PVIN = 5.6V to 12.6V (main power supply)
VSYS = 5V (10mA system supply)
Output voltage compliance:
0.75V to 1.55V
0.75V to 3.6V (for PVIN = 12V only)
Peak output current up to 5.5A
Switching frequency: 2MHz
Support for up to 4 DPUs supplying the same rail
Multiphase output: up to 5 phases configured
automatically depending on number of devices
2-wire digital bus interface for device configuration,
control and status exchange with host PMIC
-40°C to +85°C operating temperature range
12-ld 4mm x 3mm x 0.85mm DFN package
Applications
Tablet PCs, Notebooks, Embedded systems
Description
IDTP9167 is a power management device used in conjunction
with the IDTP9165 PMIC to either increase the output current
capability of existing Buck regulator rails, or implement extra
output rails when connected to the PMIC’s controller interface.
The device works as a controlled current source that supplies
current to the load above what the host PMIC can deliver on its
own. Up to four IDTP9167s may be used in parallel to provide an
additional 22A of peak load current capability.
A high-speed 2-wire digital bus connects the IDTP9165 to the
IDTP9167 DPUs to provide control and exchange status
information. The device seamlessly integrates into the PMIC eco-
system and is transparent from a user point of view.
The IDTP9167 comes in a 4mm x 3mm, 12-ld DFN package. It is
guaranteed to operate over the industrial temperature range of
-40°C to +85°C.
0.47µH
VCC
DCD1
VDDQ
V1.0A
VSYS_5V
IDTP9165
DCD0_LX
DCD0_FB
DCD1_LX
DCD1_FB
DCD0_VIN
DCD1_VIN
DCD2_LX
DCD2_FB
DCD3_LX
DCD3_FB
DCD2_VIN
DCD3_VIN
DCD0_GSEN
DCD1_GSEN
0.47µH
10µF
2x10µF
PVIN_12V
1µF
IDTP9167
LX
PGND
PVIN
VSYS
RSET
VPG
DIO
DIF
60.4kΩ
DCD1_DIO
DCD1_DIF
IDTP9167
LX
PGND
PVIN
VSYS
RSET
VPG
DIO
DIF
SoC
1µF
0.47µH
10µF
10µF*
4.7µF
4.7µF
53.6kΩ
2x10µF
6 x 47µF
PGND
Optional
*
*
*
Figure 1 – Typical application circuit including connection to IDTP9165 host PMIC


Similar Part No. - IDTP9167

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTP9165 RENESAS-IDTP9165 Datasheet
3Mb / 92P
Programmable Multi Channel PMIC for Tablet PCs
January 27, 2014
More results

Similar Description - IDTP9167

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
logo
Gamewell-FCI by Honeywe...
DIU GAMEWELL-FCI-DIU Datasheet
104Kb / 1P
Distributed Intelligent Unit
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
Distributed power architectures
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
logo
Rohm
RF6C055BC ROHM-RF6C055BC Datasheet
2Mb / 14P
Pch -20V -5.5A Middle Power MOSFET
RF4L055GN ROHM-RF4L055GN Datasheet
2Mb / 13P
Nch 60V 5.5A Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM1593 HMSEMI-HM1593 Datasheet
984Kb / 7P
Distributed Power Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com