Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP48212 Datasheet (PDF) - Renesas Technology Corp

HSP48212 Datasheet PDF - Renesas Technology Corp
Part # HSP48212
Download  HSP48212 Download
File Size   273.12 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Video Mixer

HSP48212 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP48212 Datasheet PDF - Renesas Technology Corp

Part # HSP48212
Download  HSP48212 Click to download

File Size   273.12 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Video Mixer

HSP48212 Datasheet (HTML) - Renesas Technology Corp


HSP48212 Product details

Features
• 12-Bit Pixel Data
• Two’s Complement or Unsigned Data
• 12-Bit Mix Factor
• 13-Bit Signed or Unsigned Three State Output
• Overflow Detection and Output Saturation
• Rounding to 8, 10, 12, or 13-Bits
• Input and Output Pixel Data Synchronous to Clock
• Programmable Pipeline Delay of up to 7 Clock Cycles for
Control of Misaligned Input Data
• TTL Compatible Inputs/Outputs
• DC to 40MHz Clock Rate
Applications
• Video Summing (Frame Addition)
• Video Mixing
• Fade In/Out
• Video Switching
• High Speed Multiplying




Similar Part No. - HSP48212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48212 INTERSIL-HSP48212 Datasheet
57Kb / 9P
Digital Video Mixer
1999 05
HSP48212JC-40 INTERSIL-HSP48212JC-40 Datasheet
57Kb / 9P
Digital Video Mixer
1999 05
HSP48212VC-40 INTERSIL-HSP48212VC-40 Datasheet
57Kb / 9P
Digital Video Mixer
1999 05
More results


Similar Description - HSP48212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
Digital video encoder
1999 May 31
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
Digital Video Encoder
logo
Intersil Corporation
HSP48212 INTERSIL-HSP48212 Datasheet
57Kb / 9P
Digital Video Mixer
1999 05
logo
Fairchild Semiconductor
TMC2081 FAIRCHILD-TMC2081 Datasheet
160Kb / 32P
Digital Video Mixer
logo
NXP Semiconductors
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
Digital video encoder
2002 Oct 11
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
Digital video encoder
2003 Dec 09
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com