Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP48212 Datasheet (PDF) - Intersil Corporation

HSP48212 Datasheet PDF - Intersil Corporation
Part # HSP48212
Download  HSP48212 Download
File Size   57.97 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Video Mixer

HSP48212 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP48212 Datasheet PDF - Intersil Corporation

Part # HSP48212
Download  HSP48212 Click to download

File Size   57.97 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Video Mixer

HSP48212 Datasheet (HTML) - Intersil Corporation


HSP48212 Product details

The Intersil HSP48212 is a 68 pin Digital Video Mixer IC intended for use in multimedia and medical imaging applications.
The HSP48212 allows the user to mix two video sources based on a programmable weighting factor. After weighting the input data signals, the Video Mixer simply adds the two weighted signals mathematically. This results in the mixed output, which is a weighted sum of the two sources.

Features
• 12-Bit Pixel Data
• Two’s Complement or Unsigned Data
• 12-Bit Mix Factor
• 13-Bit Signed or Unsigned Three State Output
• Overflow Detection and Output Saturation
• Rounding to 8, 10, 12, or 13-Bits
• Input and Output Pixel Data Synchronous to Clock
• Programmable Pipeline Delay of up to 7 Clock Cycles for Control of Misaligned Input Data
• TTL Compatible Inputs/Outputs
• DC to 40MHz Clock Rate

Applications
• Video Summing (Frame Addition)
• Video Mixing
• Fade In/Out
• Video Switching
• High Speed Multiplying




Similar Part No. - HSP48212

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP48212 RENESAS-HSP48212 Datasheet
273Kb / 9P
Digital Video Mixer
May 1999
HSP48212JC-40 RENESAS-HSP48212JC-40 Datasheet
273Kb / 9P
Digital Video Mixer
May 1999
HSP48212VC-40 RENESAS-HSP48212VC-40 Datasheet
273Kb / 9P
Digital Video Mixer
May 1999
More results


Similar Description - HSP48212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
Digital video encoder
1999 May 31
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
Digital Video Encoder
logo
Fairchild Semiconductor
TMC2081 FAIRCHILD-TMC2081 Datasheet
160Kb / 32P
Digital Video Mixer
logo
NXP Semiconductors
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
Digital video encoder
2002 Oct 11
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
Digital video encoder
2003 Dec 09
logo
Renesas Technology Corp
HSP48212 RENESAS-HSP48212 Datasheet
273Kb / 9P
Digital Video Mixer
May 1999
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com