Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7102 Datasheet (PDF) - NXP Semiconductors

SAA7102 Datasheet PDF - NXP Semiconductors
Part # SAA7102
Download  SAA7102 Download
File Size   289.04 Kbytes
Page   76 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital video encoder

SAA7102 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7102 Datasheet PDF - NXP Semiconductors

Part # SAA7102
Download  SAA7102 Click to download

File Size   289.04 Kbytes
Page   76 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital video encoder

SAA7102 Datasheet (HTML) - NXP Semiconductors


SAA7102 Product details

GENERAL DESCRIPTION
The SAA7102; SAA7103 is used to encode PC graphics data at maximum 800 × 600 resolution to PAL (50 Hz) or NTSC (60 Hz) video signals. A programmable scaler and interlacer ensures properly sized and flicker-free TV display as CVBS or S-video output.

FEATURES
• Digital PAL/NTSC encoder with integrated high quality scaler and anti-flicker filter for TV output from a PC
• 27 MHz crystal-stable subcarrier generation
• Maximum graphics pixel clock 45 MHz at double edged clocking, synthesized on-chip or from external source
• Up to 800 × 600 graphics data at 60 Hz or 50 Hz with programmable underscan range
• Three Digital-to-Analog Converters (DACs) at 27 MHz sample rate for CVBS (BLUE, CB), VBS (GREEN, CVBS) and C (RED, CR) (signals in parenthesis are optional); all at 10-bit resolution
• Non-interlaced CB-Y-CR or RGB input at maximum 4 : 4 : 4 sampling
• Downscaling from 1 : 1 to 1 : 2 and up to 20% upscaling
• Optional interlaced CB-Y-CR input Digital Versatile Disk (DVD)
• Optional non-interlaced RGB output to drive second VGA monitor (bypass mode, maximum 45 MHz)
• 3 × 256 bytes RGB Look-Up Table (LUT)
• Support for hardware cursor
• Programmable border colour of underscan area
• On-chip 27 MHz crystal oscillator (3rd-harmonic or fundamental 27 MHz crystal)
• Fast I2C-bus control port (400 kHz)
• Encoder can be master or slave
• Programmable horizontal and vertical input synchronization phase
• Programmable horizontal sync output phase
• Internal Colour Bar Generator (CBG)
• Optional support of various Vertical Blanking Interval (VBI) data insertion
(Continue ...)




Similar Part No. - SAA7102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7102E NXP-SAA7102E Datasheet
420Kb / 84P
Digital video encoder
Rev. 04-18 January 2006
SAA7102H NXP-SAA7102H Datasheet
420Kb / 84P
Digital video encoder
Rev. 04-18 January 2006
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
Digital video encoder
Rev. 04-18 January 2006
More results


Similar Description - SAA7102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
Digital video encoder
2003 Dec 09
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
Digital video encoder
2004 Mar 04
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
Digital video encoder
logo
NXP Semiconductors
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
Digital video encoder
Rev. 02-23 December 2005
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
Digital video encoder
Rev. 04-18 January 2006
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
Digital video encoder
2004 Mar 16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com