Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1413SLF Datasheet (PDF) - Renesas Technology Corp

MK1413SLF Datasheet PDF - Renesas Technology Corp
Part # MK1413SLF
Download  MK1413SLF Download
File Size   339.0 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MPEG AUDIO CLOCK SOURCE

MK1413SLF Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1413SLF Datasheet PDF - Renesas Technology Corp

Part # MK1413SLF
Download  MK1413SLF Click to download

File Size   339.0 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MPEG AUDIO CLOCK SOURCE

MK1413SLF Datasheet (HTML) - Renesas Technology Corp


MK1413SLF Product details

Features
• Packaged in 8-pin SOIC
• Pb (lead) free package
• Input crystal or clock frequency of 14.31818 MHz
• Provides master MPEG clocks for 32 kHz, 44.1 kHz, and
48 kHz sampling rates
• Output clock frequencies of 8.192 MHz, 11.2896 MHz,
12.288 MHz, and 16.9344 MHz
• Low jitter
• 25 mA drive capability at TTL levels (at 5.0 V)
• 3.3 V or 5.0 V (±10%) supply voltage
• Advanced, low-power CMOS process




Similar Part No. - MK1413SLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1413S ICST-MK1413S Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
MK1413STR ICST-MK1413STR Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
More results


Similar Description - MK1413SLF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
MPEG Audio Clock
Revision 122799
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
DVD/MPEG Clock Source
Revision 100898
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
DVD/MPEG CLOCK SOURCE
Revision 100802
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
DVD/MPEG CLOCK SOURCE
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
MK2745-24 RENESAS-MK2745-24 Datasheet
337Kb / 8P
DVD/MPEG CLOCK SOURCE
051310
MK2746 RENESAS-MK2746 Datasheet
350Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com