Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G08Q Datasheet (PDF) - Diodes Incorporated

74LVC1G08Q Datasheet PDF - Diodes Incorporated
Part # 74LVC1G08Q
Download  74LVC1G08Q Download
File Size   525.17 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE AND GATE

74LVC1G08Q Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G08Q Datasheet PDF - Diodes Incorporated

Part # 74LVC1G08Q
Download  74LVC1G08Q Click to download

File Size   525.17 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE AND GATE

74LVC1G08Q Datasheet (HTML) - Diodes Incorporated


74LVC1G08Q Product details

Features
 Grade 1 Ambient Temperature Operation: -40°C to +125°C
 Wide Supply Voltage Range from 1.65V to 5.5V
 ±24mA Output Drive at 3.3V
 CMOS Low Power Consumption
 IOFF Supports Partial-Power-Down Mode Operation
 Inputs Accept up to 5.5V
 ESD Protection Tested per AEC-Q100
 Exceeds 2000V Human Body Model (AEC-Q100-002)
 Exceeds 1000V Charged Device Model (AEC-Q100-011)
 Latch-Up Exceeds 100mA (AEC-Q100-004)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The 74LVC1G08Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Voltage Level Shifting
 General Purpose Logic
 Power Down Signal Isolation
 Wide Array of Products such as:
 Automotive Applications within Grade 1 Temperature
Range
 Industrial Computing/Controls/Automation
 High Reliability Networking/Communications
 Industrial/Agricultural Equipment




Similar Part No. - 74LVC1G08Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G08QDBVRQ1G4 TI2-74LVC1G08QDBVRQ1G4 Datasheet
1Mb / 28P
SN74LVC1G08-Q1 Single 2-input positive-AND gate
REVISED JUNE 2019
74LVC1G08QDBVRQ1G4.B TI2-74LVC1G08QDBVRQ1G4.B Datasheet
1Mb / 28P
SN74LVC1G08-Q1 Single 2-input positive-AND gate
REVISED JUNE 2019
74LVC1G08QDCKRQ1G4 TI2-74LVC1G08QDCKRQ1G4 Datasheet
1Mb / 28P
SN74LVC1G08-Q1 Single 2-input positive-AND gate
REVISED JUNE 2019
74LVC1G08QDCKRQ1G4.B TI2-74LVC1G08QDCKRQ1G4.B Datasheet
1Mb / 28P
SN74LVC1G08-Q1 Single 2-input positive-AND gate
REVISED JUNE 2019
More results


Similar Description - 74LVC1G08Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 1
logo
Texas Instruments
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com