Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2704SLF Datasheet (PDF) - Renesas Technology Corp

MK2704SLF Datasheet PDF - Renesas Technology Corp
Part # MK2704SLF
Download  MK2704SLF Download
File Size   333.05 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PLL AUDIO CLOCK SYNTHESIZER

MK2704SLF Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2704SLF Datasheet PDF - Renesas Technology Corp

Part # MK2704SLF
Download  MK2704SLF Click to download

File Size   333.05 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PLL AUDIO CLOCK SYNTHESIZER

MK2704SLF Datasheet (HTML) - Renesas Technology Corp


MK2704SLF Product details

Features
• Packaged in 8-pin SOIC
• Pb-free packaging
• Uses an inexpensive, fundamental crystal or clock
• Selectable audio output clock of 16.9344 MHz, 18.432
MHz, or 36.864 MHz
• Supports MPEG sampling rates of 384x, 44.1 kHz, 48
kHz, and 96 kHz
• Patented zero ppm synthesis error in all clocks
• All frequencies are frequency locked
• 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V or 5 V




Similar Part No. - MK2704SLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2704S ICST-MK2704S Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2704STR ICST-MK2704STR Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
More results


Similar Description - MK2704SLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
QUAD PLL CLOCK SYNTHESIZER
012005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com