Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3711 Datasheet (PDF) - Renesas Technology Corp

MK3711 Datasheet PDF - Renesas Technology Corp
Part # MK3711
Download  MK3711 Download
File Size   330.15 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO

MK3711 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3711 Datasheet PDF - Renesas Technology Corp

Part # MK3711
Download  MK3711 Click to download

File Size   330.15 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO

MK3711 Datasheet (HTML) - Renesas Technology Corp


MK3711 Product details

Features
• MK3711D is a drop-in replacement for the earlier
MK3711S device
• MK3711D offers an 8-16 MHz output frequency range
and improved power supply noise rejection
• Uses an inexpensive 8 to 16 MHz external crystal
• On-chip VCXO with guaranteed pull range of ±115 ppm
minimum
• VCXO tuning voltage 0 to 3.3 V
• Packaged in 8 pin SOIC (150 mil wide)
• Pb (lead) free package
• Industrial temperature range available
MK3711B is Obsolete




Similar Part No. - MK3711

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711A ICST-MK3711A Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711ATR ICST-MK3711ATR Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711B ICST-MK3711B Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711BTR ICST-MK3711BTR Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
More results


Similar Description - MK3711

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Renesas Technology Corp
MK3721 RENESAS-MK3721 Datasheet
322Kb / 8P
LOW COST 16.2 TO 28 MHZ 3.3 VOLT VCXO
103003
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com