Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3711 Datasheet (PDF) - Integrated Circuit Systems

MK3711 Datasheet PDF - Integrated Circuit Systems
Part # MK3711
Download  MK3711 Download
File Size   80.07 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW COST 8 - 16 MHZ 3.3 VOLT VCXO

MK3711 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3711 Datasheet PDF - Integrated Circuit Systems

Part # MK3711
Download  MK3711 Click to download

File Size   80.07 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW COST 8 - 16 MHZ 3.3 VOLT VCXO

MK3711 Datasheet (HTML) - Integrated Circuit Systems


MK3711 Product details

Description

The MK3711 series of devices include the original MK3711S, MK3711A, and the new MK3711B and MK3711D. The MK3711D and MK3711B are drop-in replacements for the MK3711S and MK3711A devices. Compared to these earlier devices the MK3711D and MK3711B offer a wider operating frequency range and improved power supply noise rejection.



Features

• MK3711D and MK3711B are drop-in replacements for the earlier MK3711S and MK3711A devices

• MK3711D and MK3711B offer 24-36 MHz output frequency range (output frequency = 2x crystal

frequency) and improved power supply noise rejection

• Uses an inexpensive 12 to 18 MHz external crystal

• Ideal for ADSL applications using 17.664 MHz external pullable crystal to generate locked 35.328

MHz clock physical layer clock

• Ideal for set-top box applications using 13.5 MHz external pullable crystal to generate lock 27 MHz clock transport video clock

• On-chip VCXO with guaranteed pull range of ±115 ppm minimum (MK3711D)

• VCXO tuning voltage 0 to 3.3 V

• Packaged in 8 pin SOIC (150 mil wide)




Similar Part No. - MK3711

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
More results


Similar Description - MK3711

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com