Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93H51 Datasheet (PDF) - Renesas Technology Corp

MPC93H51 Datasheet PDF - Renesas Technology Corp
Part # MPC93H51
Download  MPC93H51 Download
File Size   444.38 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage PLL Clock Driver

MPC93H51 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC93H51 Datasheet PDF - Renesas Technology Corp

Part # MPC93H51
Download  MPC93H51 Click to download

File Size   444.38 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage PLL Clock Driver

MPC93H51 Datasheet (HTML) - Renesas Technology Corp


MPC93H51 Product details

The MPC93H51 is a 3.3 V compatible, PLL based clock generator targeted for
high performance clock distribution systems. With output frequencies of up to
240 MHz and a maxi mum output skew of 150 ps the MPC93H51 is an ideal
solution for the most demanding clock tree designs. The device offers 9 low skew
clock outputs. Each is configurable to support the clocking needs of the various
high-performance microprocessors including the PowerQuicc II integrated
communication microprocessor. The devices employs a fully differential PLL
design to minimize cycle-to-cycle and long-term jitter.
Features
• 9 Outputs LVCMOS PLL Clock Generator
• 25 – 240 MHz Output Frequency Range
• Fully Integrated PLL
• Compatible to Various Microprocessors Such as PowerQuicc II
• Supports Networking, Telecommunications and Computer Applications
• Configurable Outputs: Divide-by-2, 4 and 8 of VCO Frequency
• LVPECL and LVCMOS Compatible Inputs
• External Feedback Enables Zero-Delay Configurations
• Output Enable/Disable and Static Test Mode (PLL Enable/Disable)
• Low Skew Characteristics: Maximum 150 ps Output-to-Output
• 32-Lead LQFP Package
• 32-Lead Pb-free Package Available
• Ambient Temperature Range 0°C to +70°C
• Pin AND Function Compatible With the MPC951
• For functional replacement use 8T49N285




Similar Part No. - MPC93H51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC931 MOTOROLA-MPC931 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
logo
Motorola, Inc
MPC9315FA MOTOROLA-MPC9315FA Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
More results


Similar Description - MPC93H51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com