Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC942C Datasheet (PDF) - Renesas Technology Corp

MPC942C Datasheet PDF - Renesas Technology Corp
Part # MPC942C
Download  MPC942C Download
File Size   350.44 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, 1:18 Clock Distribution Chip

MPC942C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC942C Datasheet PDF - Renesas Technology Corp

Part # MPC942C
Download  MPC942C Click to download

File Size   350.44 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, 1:18 Clock Distribution Chip

MPC942C Datasheet (HTML) - Renesas Technology Corp


MPC942C Product details

The MPC942 is a 1:18 low voltage clock distribution chip with 2.5V or 3.3V LVCMOS
output capabilities. The device is offered in two versions; the MPC942C has an LVCMOS
input clock while the MPC942P has a LVPECL input clock. The 18 outputs are 2.5V or
3.3V LVCMOS compatible and feature the drive strength to drive 50 series or parallel
terminated transmission lines. With output-to-output skews of 200ps, the MPC942 is ideal
as a clock distribution chip for the most demanding of synchronous systems. The 2.5V
outputs also make the device ideal for supplying clocks for a high performance Pentium
II microprocessor based design.
• LVCMOS/LVTTL Clock Input
• 2.5V LVCMOS Outputs for Pentium II Microprocessor Support
• 150ps Maximum Targeted Output-to-Output Skew
• Maximum Output Frequency of 250MHz @ 3.3 VCC
• 32-Lead TQFP Packaging
• Single 3.3V or 2.5V Supply
• For Functional replacement use 83940DYLF




Similar Part No. - MPC942C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
More results


Similar Description - MPC942C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com