Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC5338D Datasheet (PDF) - Inchange Semiconductor Company Limited

KSC5338D Datasheet PDF - Inchange Semiconductor Company Limited
Part # KSC5338D
Download  KSC5338D Download
File Size   320.72 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

KSC5338D Datasheet (PDF)

Go To PDF Page Download Datasheet
KSC5338D Datasheet PDF - Inchange Semiconductor Company Limited

Part # KSC5338D
Download  KSC5338D Click to download

File Size   320.72 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

KSC5338D Datasheet (HTML) - Inchange Semiconductor Company Limited


KSC5338D Product details

DESCRIPTION
·Collector–Emitter Sustaining Voltage
VCEO: 450V(Min)
·Low Collector Saturation Voltage
: VCE(sat) = 0.5V(Max.)@ IC= 0.8A
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation

APPLICATIONS
·Designed for high voltage and general purpose applications.




Similar Part No. - KSC5338D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
High Voltage Power Switch Switching Application
KSC5338DW FAIRCHILD-KSC5338DW Datasheet
95Kb / 8P
High Voltage Power Switch Switching Application
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
NPN Triple Diffused Planar Silicon Transistor
More results


Similar Description - KSC5338D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com