Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ9431AQ Datasheet (PDF) - Diodes Incorporated

AZ9431AQ Datasheet PDF - Diodes Incorporated
Part # AZ9431AQ
Download  AZ9431AQ Download
File Size   880.62 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR

AZ9431AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9431AQ Datasheet PDF - Diodes Incorporated

Part # AZ9431AQ
Download  AZ9431AQ Click to download

File Size   880.62 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR

AZ9431AQ Datasheet (HTML) - Diodes Incorporated


AZ9431AQ Product details

Features
 Wide Programmable Precise Output Voltage from 1.24V to 18V
 Temperature Range -40°C to +125°C
 Reference Voltage Tolerance at +25°C
 0.5% AZ9431AQSA-7
 1% AZ9431BQSA-7
 High Stability Under Capacitive Load
 Low Temperature Deviation: 3mV Typical
 Low Equivalent Full-Range Temperature Coefficient: 20PPM/°C
 Low Dynamic Output Resistance: 0.05Ω Typical
 High-Sink Current Capacity from 0.1mA to 100mA
 Low Output Noise
 Wide Operating Range of -40°C to +125°C
 Green Molding
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The AZ9431Q series are suitable for automotive applications
requiring specific change control; these parts are AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.




Similar Part No. - AZ9431AQ

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ9431-1C-12D AZETTLER-AZ9431-1C-12D Datasheet
106Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ9431-1C-12DE AZETTLER-AZ9431-1C-12DE Datasheet
106Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ9431-1C-18D AZETTLER-AZ9431-1C-18D Datasheet
106Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ9431-1C-18DE AZETTLER-AZ9431-1C-18DE Datasheet
106Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
More results


Similar Description - AZ9431AQ

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX1432 SIPEX-SPX1432 Datasheet
99Kb / 7P
1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
logo
Diodes Incorporated
ZTL431XQ DIODES-ZTL431XQ Datasheet
502Kb / 11P
AUTOMOTIVE COMPLIANT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
AZ9431BQ DIODES-AZ9431BQ Datasheet
615Kb / 9P
AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 1
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com