Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC96877 Datasheet (PDF) - Renesas Technology Corp

MPC96877 Datasheet PDF - Renesas Technology Corp
Part # MPC96877
Download  MPC96877 Download
File Size   706.1 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8 V PLL 1:10 Differential SDRAM Clock Driver

MPC96877 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC96877 Datasheet PDF - Renesas Technology Corp

Part # MPC96877
Download  MPC96877 Click to download

File Size   706.1 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8 V PLL 1:10 Differential SDRAM Clock Driver

MPC96877 Datasheet (HTML) - Renesas Technology Corp


MPC96877 Product details

Recommended Applications
• DDR II Memory Modules
• Zero Delay Board fan-out
Features
• 1.8 V Phase Lock Loop Clock Driver for (DDR II) Applications
• Spread Spectrum Clock Compatible
• Operating Frequency: 100 MHz to 340 MHz
• 1 to 10 differential clock distribution (SSTL_18)
• 52-Ball VF-BGA (FP-MAPBGA 0.65-mm pitch) and 40-Pin MLF (QFN)
• 52-lead Pb-free Package Available
• External Feedback Pins (FBIN, FBIN) are used to synchronize the Outputs
to the Input Clocks
• Single-Ended Input and Single-Ended Output Modes
• Meets or Exceeds JESD82-8 PLL Standard for PC2-3200/4300
• Auto Power Down detect logic
Switching Characteristics
• Cycle-to-Cycle Jitter (>165 Mhz): 40 ps max.
• Output-to-Output Skew: 40 ps max.




Similar Part No. - MPC96877

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9600 MOTOROLA-MPC9600 Datasheet
321Kb / 16P
LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Motorola, Inc
MPC9608 MOTOROLA-MPC9608 Datasheet
423Kb / 12P
1:10 LVCMOS Zero Delay Clock Buffer
logo
Renesas Technology Corp
MPC9608 RENESAS-MPC9608 Datasheet
430Kb / 14P
1:10 LVCMOS Zero Delay Clock Buffer
2019
More results


Similar Description - MPC96877

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CVF857 PERICOM-PI6CVF857 Datasheet
304Kb / 14P
1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877A RENESAS-CSPUA877A Datasheet
318Kb / 15P
1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com