Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC375UD Datasheet (PDF) - NXP Semiconductors

MC44BC375UD Datasheet PDF - NXP Semiconductors
Part # MC44BC375UD
Download  MC44BC375UD Download
File Size   626.89 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs

MC44BC375UD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44BC375UD Datasheet PDF - NXP Semiconductors

Part # MC44BC375UD
Download  MC44BC375UD Click to download

File Size   626.89 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs

MC44BC375UD Datasheet (HTML) - NXP Semiconductors


MC44BC375UD Product details

Features
Channels are selectable using pin Channel Selection (CHS) and tuned by a PLL. They do not require any
external tank circuit components thus reducing the sensitivity of the PCB design and the need for external
adjustments. The PLL obtains its reference from a 4MHz crystal oscillator.
The sound subcarrier is also generated on-chip without external components. The 4.5MHz or 5.5MHz
Sound frequency is selectable using pin Sound Frequency Selection (SFS). The Picture to Sound subcarrier
ratio is also selectable by pin Picture to Sound selection (PSS) to either 14dB or 16dB. A Power Save
function is selectable via pin Psave/LO which turns off all internal VCOs and mixers and simultaneously
switches ON the Logic Output Port (LOP). No external Varicap Diodes/ Inductor nor other tuned
components are needed.
The MC44BC375/U/J/T also has the following features:
• Channel selected by CHS pin
• Integrated On-Chip Oscillator - No external tank circuit
• Extremely Low External Components Count
• Adjustable Video Modulation Depth (85% w/o adjustment)
• PeakWhiteClip
• Programmable Picture/Sound Carrier Ratio (14dB & 16dB) selected by PSS pin
• IntegratedOn-chip Programmable Sound Subcarrier Oscillator (4.5&5.5MHz selected by SFS pin)
No external varicaps
• Modulator Standby Mode selected by Psave/LO pin
• Transient Output Inhibit During PLL Lock-up at Power-on
• Logic Output Port selected by Psave/LO pin (Antenna Switch Driver)
• Extremely Robust ESD protection, Minimum 4kV, typical 6kV.
• Available in 80 dBuV RF output level (MC44BC375UA).




Similar Part No. - MC44BC375UD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375UD MOTOROLA-MC44BC375UD Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BC375UD FREESCALE-MC44BC375UD Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BC375UD FREESCALE-MC44BC375UD Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Similar Description - MC44BC375UD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com