Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT1533V Datasheet (PDF) - Renesas Technology Corp

SLG5NT1533V Datasheet PDF - Renesas Technology Corp
Part # SLG5NT1533V
Download  SLG5NT1533V Download
File Size   635.71 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20 mΩ, Fast Turn On, 2.5 A Load Switch with Discharge

SLG5NT1533V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG5NT1533V Datasheet PDF - Renesas Technology Corp

Part # SLG5NT1533V
Download  SLG5NT1533V Click to download

File Size   635.71 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20 mΩ, Fast Turn On, 2.5 A Load Switch with Discharge

SLG5NT1533V Datasheet (HTML) - Renesas Technology Corp


SLG5NT1533V Product details

General Description
The SLG5NT1533V is a 20 mΩ 2.5 A single-channel load
switch with configurable slew rate control. The device can
enable fast power rail turn on with big cap loading. Internal
circuit limits max inrush current to prevent device damage. The
product is packaged in an ultra-small 1.0 x 1.6 mm package.
Features
• 1.0 x 1.6 x 0.55 mm FC-STDFN package (2 fused pins for
drain and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• Discharged Load when off
• Fast Turn On time
• 32 μs, CSLEW = 0.1 nF, CLOAD = 1 μF, IDS = 100 mA
• 102 μs, CSLEW = 0.5 nF, CLOAD = 10 μF, IDS = 2.5 A
• Low RDSON while supporting 2.5 A
• 20 mΩ, VDD = 5 V, VD = 1 V
• 27.5 mΩ, VDD = 3.3 V, VD = 1 V
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -40 °C to 85°C
• Operating Voltage: 2.5 V to 5.5 V
• Power Rail Switching VD = 0.85 V to VD = VDD - 1.5 V




Similar Part No. - SLG5NT1533V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1533V DIALOG-SLG5NT1533V Datasheet
124Kb / 10P
20 m廓 Fast Turn On 2.5 A Integrated Power Switch with Discharge
SLG5NT1533VTR DIALOG-SLG5NT1533VTR Datasheet
124Kb / 10P
20 m廓 Fast Turn On 2.5 A Integrated Power Switch with Discharge
More results


Similar Description - SLG5NT1533V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1533V DIALOG-SLG5NT1533V Datasheet
124Kb / 10P
20 m廓 Fast Turn On 2.5 A Integrated Power Switch with Discharge
SLG59M1515V DIALOG-SLG59M1515V Datasheet
122Kb / 9P
20 m廓, 2.0 A Fast Turn On Integrated Power Switch with Discharge
logo
Renesas Technology Corp
SLG5NT1458V RENESAS-SLG5NT1458V Datasheet
624Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
7-Feb-2022
SLG59M1448V RENESAS-SLG59M1448V Datasheet
636Kb / 16P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
27-Oct-2022
SLG59M1470V RENESAS-SLG59M1470V Datasheet
482Kb / 13P
9.8 mΩ, Nanopower Mobile 6 A Load Switch with Discharge
2-Feb-2022
SLG59M1515V RENESAS-SLG59M1515V Datasheet
348Kb / 10P
20 mW, 2.0 A Fast Turn On Load Switch with Discharge
February 14, 2022
SLG59M1598V RENESAS-SLG59M1598V Datasheet
608Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
2-Feb-2022
SLG5NT1734V RENESAS-SLG5NT1734V Datasheet
814Kb / 18P
Ultra-small 28.5 mΩ, 1.0 A Load Switch with Discharge
February 7, 2022
logo
Texas Instruments
TPS22999 TI-TPS22999 Datasheet
1Mb / 26P
TPS22999 4.5-V, 1.5-A, 7.5-mΩ On-Resistance Fast Turn-On Load Switch With Regulated Inrush Current
SEPTEMBER 2023
TPS22999 TI1-TPS22999_V01 Datasheet
877Kb / 27P
TPS22999 4.5-V, 1.5-A, 7.5-mΩ On-Resistance Fast Turn-On Load Switch With Regulated Inrush Current
REVISED NOVEMBER 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com