Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1470V Datasheet (PDF) - Renesas Technology Corp

SLG59M1470V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1470V
Download  SLG59M1470V Download
File Size   482.6 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 9.8 mΩ, Nanopower Mobile 6 A Load Switch with Discharge

SLG59M1470V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1470V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1470V
Download  SLG59M1470V Click to download

File Size   482.6 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 9.8 mΩ, Nanopower Mobile 6 A Load Switch with Discharge

SLG59M1470V Datasheet (HTML) - Renesas Technology Corp


SLG59M1470V Product details

General Description
The SLG59M1470V is a 9.8 mΩ, 6 A single-channel load
switch that is able to switch 0.85 V to 3.3 V power rails. The
product is packaged in an ultra-small 1.5 x 2.0 mm package.
Features
• 1.5 x 2.0 mm FC-TDFN 9L package (2 fused pins for drain
and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• Discharged Load when off
• Fast Turn On time
• Low RDSON while supporting 6 A
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -40 °C to 85 °C
• Operating Voltage: 3.0 V to 5.25 V




Similar Part No. - SLG59M1470V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1470V DIALOG-SLG59M1470V Datasheet
149Kb / 9P
9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge
SLG59M1470VTR DIALOG-SLG59M1470VTR Datasheet
149Kb / 9P
9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge
More results


Similar Description - SLG59M1470V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1477V DIALOG-SLG5NT1477V Datasheet
149Kb / 9P
9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge
SLG59M1470V DIALOG-SLG59M1470V Datasheet
149Kb / 9P
9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge
logo
Renesas Technology Corp
SLG59M1440V RENESAS-SLG59M1440V Datasheet
629Kb / 15P
An Ultra-small 40 mΩ, 1 A, Load Switch with Discharge
3-Feb-2022
SLG59M1446V RENESAS-SLG59M1446V Datasheet
607Kb / 15P
Ultra-small Dual 40 mΩ, 1.0 A Load Switch with Discharge
2-Feb-2022
SLG59M1448V RENESAS-SLG59M1448V Datasheet
636Kb / 16P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
27-Oct-2022
SLG59M1460V RENESAS-SLG59M1460V Datasheet
327Kb / 9P
30 mW, 2.0 A Nanopower Mobile Load Switch with Discharge
February 14, 2022
SLG59M1512V RENESAS-SLG59M1512V Datasheet
606Kb / 15P
Ultra-small Dual 80 mΩ, 1.0 A Load Switch with Discharge
2-Feb-2022
SLG5NT1477V RENESAS-SLG5NT1477V Datasheet
503Kb / 13P
9.8 mΩ, Nanopower Mobile 6 A Load Switch with Discharge
2-Feb-2022
SLG5NT1533V RENESAS-SLG5NT1533V Datasheet
635Kb / 16P
20 mΩ, Fast Turn On, 2.5 A Load Switch with Discharge
3-Feb-2022
SLG5NT1734V RENESAS-SLG5NT1734V Datasheet
814Kb / 18P
Ultra-small 28.5 mΩ, 1.0 A Load Switch with Discharge
February 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com