Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7001 Datasheet (PDF) - Renesas Technology Corp

ZLED7001 Datasheet PDF - Renesas Technology Corp
Part # ZLED7001
Download  ZLED7001 Download
File Size   482.42 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Universal LED Driver with Temperature Compensation

ZLED7001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLED7001 Datasheet PDF - Renesas Technology Corp

Part # ZLED7001
Download  ZLED7001 Click to download

File Size   482.42 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Universal LED Driver with Temperature Compensation

ZLED7001 Datasheet (HTML) - Renesas Technology Corp


ZLED7001 Product details

ZLED7001 Features
•Wide input range from 8 VDC to 450 VDC or110 VAC/220 VAC
•Temperature compensation to protect the LEDs andextend LED lifetime
•Operates in constant off-time mode
•Both PWM and linear dimming control signal inputsavailable
•Very few external components needed for operation
•Broad range of applications: outputs greater than 1A
Application Examples
•Line-powered replacement LED lighting
•Illuminated LED signs and other displays
•LED street and traffic lighting
•Constant-current source for general purposes
•Architecture / building LED lighting
•LED backlighting
•Line powered LED flood lighting
•Interior / exterior LED lighting




Similar Part No. - ZLED7001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
logo
List of Unclassifed Man...
ZLED7001-ZI1R ETC2-ZLED7001-ZI1R Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7001KIT-E1 IDT-ZLED7001KIT-E1 Datasheet
304Kb / 14P
Universal LED Driver
ZLED7001ZI1R IDT-ZLED7001ZI1R Datasheet
304Kb / 14P
Universal LED Driver
More results


Similar Description - ZLED7001

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3 Datasheet
443Kb / 24P
SENSOR SIGNAL CONDITIONER WITH TEMPERATURE COMPENSATION AND LINE DRIVER
logo
Integrated Silicon Solu...
IS31LT3352 ISSI-IS31LT3352 Datasheet
382Kb / 14P
40V LED DRIVER WITH TEMPERATURE COMPENSATION
logo
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
ZLED7010 ETC2-ZLED7010 Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
ZLED7010 IDT-ZLED7010 Datasheet
900Kb / 22P
40V LED Driver with Temperature Compensation
logo
Integrated Silicon Solu...
IS31LT3352-V1GRLS2 ISSI-IS31LT3352-V1GRLS2 Datasheet
382Kb / 14P
40V LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2 ISSI-IS31LT3910-GRLS2 Datasheet
245Kb / 10P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2-TR ISSI-IS31LT3910-GRLS2-TR Datasheet
245Kb / 10P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
logo
Renesas Technology Corp
ZLED7010 RENESAS-ZLED7010 Datasheet
1Mb / 23P
40V LED Driver with Temperature Compensation
April 20, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com