Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010 Datasheet (PDF) - Renesas Technology Corp

ZLED7010 Datasheet PDF - Renesas Technology Corp
Part # ZLED7010
Download  ZLED7010 Download
File Size   1075.03 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V LED Driver with Temperature Compensation

ZLED7010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLED7010 Datasheet PDF - Renesas Technology Corp

Part # ZLED7010
Download  ZLED7010 Click to download

File Size   1075.03 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V LED Driver with Temperature Compensation

ZLED7010 Datasheet (HTML) - Renesas Technology Corp


ZLED7010 Product details

Features
•Capable of 95% efficiency*
•Operates in continuous mode with a wide inputrange from 6 VDC to 40 VDC
•Integrated 40V power switch
•One-pin on/off or brightness control via DC voltageor PWM control signal
•Switching frequency: ≤ 1MHz
•Dimming rate: 1200:1 (typical)
•Output current accuracy: 5% (typical)
•Built-in temperature compensation and open-circuitprotection for LEDs
•Thermal shutdown protection for the ZLED7010
•Very few external components needed for operation
•Broad range of applications: outputs up to ≤750mA
•SOP-8 package
Application Examples
•Illuminated LED signs and other displays
•LED traffic and street lighting (low-voltage)
•Architectural LED lighting, including low-voltageapplications for buildings
•Halogen replacement LEDs (low-voltage)
•LED flood-lighting
•LED backlighting
•General purpose exterior and interior LED lighting,including applications requiring low-voltage
•General purpose low-voltage industrial applications




Similar Part No. - ZLED7010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7010 ETC2-ZLED7010 Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7010 IDT-ZLED7010 Datasheet
900Kb / 22P
40V LED Driver with Temperature Compensation
logo
List of Unclassifed Man...
ZLED7010-ZI1R ETC2-ZLED7010-ZI1R Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
ZLED7010KIT-D1 ETC2-ZLED7010KIT-D1 Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7010KIT-D1 IDT-ZLED7010KIT-D1 Datasheet
900Kb / 22P
40V LED Driver with Temperature Compensation
More results


Similar Description - ZLED7010

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3352 ISSI-IS31LT3352 Datasheet
382Kb / 14P
40V LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
ZLED7010 ETC2-ZLED7010 Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7010 IDT-ZLED7010 Datasheet
900Kb / 22P
40V LED Driver with Temperature Compensation
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3352-V1GRLS2 ISSI-IS31LT3352-V1GRLS2 Datasheet
382Kb / 14P
40V LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2 ISSI-IS31LT3910-GRLS2 Datasheet
245Kb / 10P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2-TR ISSI-IS31LT3910-GRLS2-TR Datasheet
245Kb / 10P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
logo
Renesas Technology Corp
ZLED7001 RENESAS-ZLED7001 Datasheet
482Kb / 15P
Universal LED Driver with Temperature Compensation
April 20, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com