Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7010 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZLED7010 Datasheet HTML 1Page - Renesas Technology Corp ZLED7010 Datasheet HTML 2Page - Renesas Technology Corp ZLED7010 Datasheet HTML 3Page - Renesas Technology Corp ZLED7010 Datasheet HTML 4Page - Renesas Technology Corp ZLED7010 Datasheet HTML 5Page - Renesas Technology Corp ZLED7010 Datasheet HTML 6Page - Renesas Technology Corp ZLED7010 Datasheet HTML 7Page - Renesas Technology Corp ZLED7010 Datasheet HTML 8Page - Renesas Technology Corp ZLED7010 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
5
April 20, 2016
1
IC Characteristics
1.1.
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage
VIN
-0.3
50
V
1.1.2
ISENSE voltage
VISENSE
Vin >5V
VIN - 5
VIN + 0.3
V
Vin <5V
0
VIN + 0.3
V
1.1.3
LX output voltage
VLX
-0.3
50
V
1.1.4
Control pin input voltage
VADJ, VADJO,
RTH, RNTC
-0.3
6
V
1.1.5
Switch output current
ILX
900
mA
1.1.6
Power dissipation
Ptot
SOP-8
1.2
W
1.1.7
Storage temperature
TST
-55
150
°C
1.1.8
Junction temperature
Tj MAX
150
°C
1.2.
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
TOP
-40
+85
°C
1.2.2
Input voltage
VIN
6
40
V
1.3.
Electrical Parameters
Production testing is at 25°C. At other temperatures within the specified operating range, functional operation of
the chip and specified parameters are guaranteed by characterization, design, and process control.
Test conditions are Tamb = 25°C; VIN = 12V except as noted.
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
Quiescent supply current
with output off
IINQoff
ADJI pin grounded
40
60
80
μA
1.3.2
Quiescent supply current
with output switching
IINQon
ADJI pin floating
450
600
μA
1.3.3
Mean current sense
threshold voltage
VSENSE
Measured on ISENSE pin
with respect to VIN; ADJI pin
floating
91
95
101
mV
1.3.4
Sense threshold hysteresis
VSENSEHYS
±15
%
1.3.5
ISENSE pin input current
ISENSE
VSENSE = 0.1V
8
10
μA
1.3.6
Internal reference voltage
VREF
Measured on ADJI pin with
pin floating
1.2
V
1.3.7
External control voltage
range on ADJI pin for DC
brightness control
VADJI
0.3
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com