Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7010 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZLED7010 Datasheet HTML 1Page - Renesas Technology Corp ZLED7010 Datasheet HTML 2Page - Renesas Technology Corp ZLED7010 Datasheet HTML 3Page - Renesas Technology Corp ZLED7010 Datasheet HTML 4Page - Renesas Technology Corp ZLED7010 Datasheet HTML 5Page - Renesas Technology Corp ZLED7010 Datasheet HTML 6Page - Renesas Technology Corp ZLED7010 Datasheet HTML 7Page - Renesas Technology Corp ZLED7010 Datasheet HTML 8Page - Renesas Technology Corp ZLED7010 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
40V LED Driver with
Temperature Compensation
ZLED7010
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
SOP-8 Package Dimensions and Pin Assignments
Symbol
Dimension (mm)
Symbol
Dimension (mm, except
θ)
Min
Max
Min
Max
A
1.350
1.750
E
3.800
4.000
A1
0.100
0.250
E1
5.800
6.240
A2
1.450 Typical
e
1.270 Typical
b
0.350
0.490
L
0.400
1.270
c
0.178
0.250
θ
0°
8°
D
4.800
5.000
Ordering Information
Product Sales Code
Description
Package
ZLED7010ZI1R
ZLED7010 – 40V LED Driver with Temperature Compensation
SOP8 (Tape & Reel)
ZLED7010KIT-D1
ZLED7010 Demo Board with LED on Cool Body 12VAC/VDC
Kit
ZLED-PCB1
Test PCB with one 3W white HB-LED, cascadable to 1 multiple LED string
Printed Circuit Board
ZLED-PCB2
10 unpopulated test PCBs for modular LED string with footprints of 9
common HB-LED types
Printed Circuit Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com