Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7001 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7001 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZLED7001 Datasheet HTML 1Page - Renesas Technology Corp ZLED7001 Datasheet HTML 2Page - Renesas Technology Corp ZLED7001 Datasheet HTML 3Page - Renesas Technology Corp ZLED7001 Datasheet HTML 4Page - Renesas Technology Corp ZLED7001 Datasheet HTML 5Page - Renesas Technology Corp ZLED7001 Datasheet HTML 6Page - Renesas Technology Corp ZLED7001 Datasheet HTML 7Page - Renesas Technology Corp ZLED7001 Datasheet HTML 8Page - Renesas Technology Corp ZLED7001 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Universal LED Driver with
Temperature Compensation
ZLED7001
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
VREF
LD
PWMD
CS
GATE
ZLED7001
VS
n LED
L1
R2
NTC
CIN
C1
R1
8 to 450 VDC
8
5
6
2
3
1
GND
4
TOFF
7
VIN
D1
COFF
RCS
CLED
RIN
Q1
Brief Description
The ZLED7001, one of our ZLED family of LED control
ICs, is a peak current-mode control LED driver IC that is
optimal for buck LED driver applications. The ZLED7001
operates
in
constant
off-time
mode.
Capable
of
operating efficiently with voltage sources ranging from 8
VDC to 450 VDC or rectified 110 VAC/ 220 VAC, it is
ideal for High Brightness (HB) LED applications. The
ZLED7001 provides a PWM input for an external
dimming control signal. The ZLED7001’s linear dimming
input can be used both for linear dimming (0 to 240 mV)
and temperature compensation of the LED current.
Because the ZLED7001’s response time is limited only
by the rate of change in the inductor current, it attains a
high performance pulse-width modulation (PWM) dim-
ming response. The ZLED7001 ensures proper output
current regulation, without loop compensation, via peak
current-mode operation.
ZLED7001 Application Circuit
ZLED7001 Features
• Wide input range from 8 VDC to 450 VDC or
110 VAC/220 VAC
• Temperature compensation to protect the LEDs and
extend LED lifetime
• Operates in constant off-time mode
• Both PWM and linear dimming control signal inputs
available
• Very few external components needed for operation
• Broad range of applications: outputs greater than 1A
Application Examples
• Line-powered replacement LED lighting
• Illuminated LED signs and other displays
• LED street and traffic lighting
• Constant-current source for general purposes
• Architecture / building LED lighting
• LED backlighting
• Line powered LED flood lighting
• Interior / exterior LED lighting


Similar Part No. - ZLED7001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
logo
List of Unclassifed Man...
ZLED7001-ZI1R ETC2-ZLED7001-ZI1R Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7001KIT-E1 IDT-ZLED7001KIT-E1 Datasheet
304Kb / 14P
Universal LED Driver
ZLED7001ZI1R IDT-ZLED7001ZI1R Datasheet
304Kb / 14P
Universal LED Driver
More results

Similar Description - ZLED7001

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3 Datasheet
443Kb / 24P
SENSOR SIGNAL CONDITIONER WITH TEMPERATURE COMPENSATION AND LINE DRIVER
logo
Integrated Silicon Solu...
IS31LT3352 ISSI-IS31LT3352 Datasheet
382Kb / 14P
40V LED DRIVER WITH TEMPERATURE COMPENSATION
logo
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
ZLED7010 ETC2-ZLED7010 Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
ZLED7010 IDT-ZLED7010 Datasheet
900Kb / 22P
40V LED Driver with Temperature Compensation
logo
Integrated Silicon Solu...
IS31LT3352-V1GRLS2 ISSI-IS31LT3352-V1GRLS2 Datasheet
382Kb / 14P
40V LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2 ISSI-IS31LT3910-GRLS2 Datasheet
245Kb / 10P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2-TR ISSI-IS31LT3910-GRLS2-TR Datasheet
245Kb / 10P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
logo
Renesas Technology Corp
ZLED7010 RENESAS-ZLED7010 Datasheet
1Mb / 23P
40V LED Driver with Temperature Compensation
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com