Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7320 Datasheet (PDF) - Renesas Technology Corp

ZLED7320 Datasheet PDF - Renesas Technology Corp
Part # ZLED7320
Download  ZLED7320 Download
File Size   730.22 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Current 40V LED Driver with Internal Switch

ZLED7320 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLED7320 Datasheet PDF - Renesas Technology Corp

Part # ZLED7320
Download  ZLED7320 Click to download

File Size   730.22 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Current 40V LED Driver with Internal Switch

ZLED7320 Datasheet (HTML) - Renesas Technology Corp


ZLED7320 Product details

Features
•Up to 1.2A output current
•Internal 40V power switch
•Wide DC input voltage range 6 to 40 VDC
•Output current accuracy: 3% (typical)
•Dimming ratio: 1200:1
•LED open-circuit protection
•Thermal shutdown protection




Similar Part No. - ZLED7320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7320 ETC2-ZLED7320 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7320 ETC2-ZLED7320 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
logo
Integrated Device Techn...
ZLED7320 IDT-ZLED7320 Datasheet
556Kb / 27P
High Current 40V LED Driver with Internal Switch
logo
List of Unclassifed Man...
ZLED7320-ZI1R ETC2-ZLED7320-ZI1R Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7320-ZI1R ETC2-ZLED7320-ZI1R Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
More results


Similar Description - ZLED7320

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
ZLED7020 ETC2-ZLED7020 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7320 ETC2-ZLED7320 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7520 ETC2-ZLED7520 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7720 ETC2-ZLED7720 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
ZLED7020 IDT-ZLED7020 Datasheet
556Kb / 27P
High Current 40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com