Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7320 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZLED7320
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7320 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZLED7320 Datasheet HTML 1Page - Renesas Technology Corp ZLED7320 Datasheet HTML 2Page - Renesas Technology Corp ZLED7320 Datasheet HTML 3Page - Renesas Technology Corp ZLED7320 Datasheet HTML 4Page - Renesas Technology Corp ZLED7320 Datasheet HTML 5Page - Renesas Technology Corp ZLED7320 Datasheet HTML 6Page - Renesas Technology Corp ZLED7320 Datasheet HTML 7Page - Renesas Technology Corp ZLED7320 Datasheet HTML 8Page - Renesas Technology Corp ZLED7320 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
High Current 40V LED
Driver with Internal Switch
ZLED7x20
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
ZLED7x20 Block Diagram
Trim
1
VS
6 to 40 VDC
3
ADJ
LX
GND
2
4
ZLED7X20
VDDA
VDDD
n LED
L1
D1
(C3)
(C1)
C2
0.1µF
Rs
VIN
5
VCC
ISENSE
ISENSE
UV
POR
VREF
VIN
500k
Ω
Shutdown
SD
SD
DR
ISENSE
And
Driver
LX
POR
ISENSE
Power
Supply,
Oscillator,
and Under-
Voltage
Detection
(UV)
Power
MOS
33µH to
220µH
Typical Applications
 Illuminated LED signs and other displays
 Interior/exterior LED lighting
 LED street and traffic lighting (low voltage)
 MR16 LED spot lights
 Architecture/building LED lighting
 Retrofit LED lighting fixtures
 LED backlighting
 General purpose industrial and consumer LED applications
Ordering Information
Product Code
Description
Package
ZLED7020ZI1R
ZLED7020 – High Current (1200mA) 40V LED Driver with Internal Switch
SOT89-5 (Tape & Reel)
ZLED7320ZI1R
ZLED7320 – High Current (1000mA) 40V LED Driver with Internal Switch
DFN-5 (Tape & Reel)
ZLED7520ZI1R
ZLED7520 – High Current (750mA) 40V LED Driver with Internal Switch
DFN-5 (Tape & Reel)
ZLED7720ZI1R
ZLED7720 – High Current (350mA) 40V LED Driver with Internal Switch
DFN-5 (Tape & Reel)
ZLED7020KIT-D1
ZLED7020-D1 Demo Board, 1 ZLED-PCB8 and 5 ZLED7020 ICs
Kit
ZLED-PCB8
Test PCB with a 5W white high brightness (HB) LED, cascadable to a multiple LED string
Printed Circuit Board (PCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com