Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7320 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZLED7320
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7320 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZLED7320 Datasheet HTML 12Page - Renesas Technology Corp ZLED7320 Datasheet HTML 13Page - Renesas Technology Corp ZLED7320 Datasheet HTML 14Page - Renesas Technology Corp ZLED7320 Datasheet HTML 15Page - Renesas Technology Corp ZLED7320 Datasheet HTML 16Page - Renesas Technology Corp ZLED7320 Datasheet HTML 17Page - Renesas Technology Corp ZLED7320 Datasheet HTML 18Page - Renesas Technology Corp ZLED7320 Datasheet HTML 19Page - Renesas Technology Corp ZLED7320 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
16
April 20, 2016
Figure 3.3
Basic ZLED7x20 Application Circuit with Output Current Set by External Square Wave Voltage (PWM)
Vin
I SENSE
LX
GND
ZLED7X20
D1
Vs = 6 to 40 VDC
C3
Rs
L1
C1
C2
0.1µF
ADJ
PWM (0V to ~5V)
LED
String
Figure 3.4
Basic ZLED7x20 Application Circuit with Output Current Controlled by External Microcontroller Signal
Vin
I SENSE
LX
GND
ZLED7X20
D1
Vs = 6 to 40 VDC
C3
Rs
L1
C1
C2
0.1µF
ADJ
LED
String
R1
10k
Ω
D2
Micro-
processor
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com