Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7320 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZLED7320
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7320 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZLED7320 Datasheet HTML 1Page - Renesas Technology Corp ZLED7320 Datasheet HTML 2Page - Renesas Technology Corp ZLED7320 Datasheet HTML 3Page - Renesas Technology Corp ZLED7320 Datasheet HTML 4Page - Renesas Technology Corp ZLED7320 Datasheet HTML 5Page - Renesas Technology Corp ZLED7320 Datasheet HTML 6Page - Renesas Technology Corp ZLED7320 Datasheet HTML 7Page - Renesas Technology Corp ZLED7320 Datasheet HTML 8Page - Renesas Technology Corp ZLED7320 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
3
April 20, 2016
Contents
1
IC Characteristics .......................................................................................................................................................... 5
1.1
Absolute Maximum Ratings ................................................................................................................................... 5
1.2
Operating Conditions ............................................................................................................................................. 5
1.3
Electrical Parameters............................................................................................................................................. 6
1.4
Typical Operation Graphs ...................................................................................................................................... 7
2
Circuit Description ....................................................................................................................................................... 12
2.1
ZLED7x20 Overview ............................................................................................................................................ 12
2.2
Control of Output Current via External Sense Resistor Rs .................................................................................. 12
2.3
Control of Output Current via an External DC Control Voltage on the ADJ Pin ................................................... 12
2.4
Additional Requirements if the VIN Input Voltage has a High Slew Rate .............................................................. 13
2.5
Control of Output Current via a PWM Signal on the ADJ Pin............................................................................... 13
2.6
Control of Output Current via a Microcontroller Signal on the ADJ Pin ................................................................ 13
2.7
Shutdown Mode ................................................................................................................................................... 13
2.8
ZLED7x20 Protection Features............................................................................................................................ 14
2.8.1
Thermal Shut-down Protection ..................................................................................................................... 14
2.8.2
LED Open Load Protection........................................................................................................................... 14
3
Application Circuit Design ........................................................................................................................................... 15
3.1
Applications ......................................................................................................................................................... 15
3.2
Thermal Considerations for Application Design ................................................................................................... 17
3.2.1
Temperature Effects of Load, Layout, and Component Selection ................................................................ 17
3.2.2
Temperature Effects of Low Supply Voltage VIN........................................................................................... 17
3.3
External Component Selection ............................................................................................................................ 17
3.3.1
Sense Resistor Rs ........................................................................................................................................ 17
3.3.2
Inductor L1.................................................................................................................................................... 18
3.3.3
Bypass Capacitor C1 .................................................................................................................................... 19
3.3.4
De-bouncing Capacitor C2 ........................................................................................................................... 20
3.3.5
Capacitor C3 for Reducing Output Ripple..................................................................................................... 21
3.3.6
Diode D1....................................................................................................................................................... 21
3.4
Application Circuit Layout Requirements ............................................................................................................. 21
4
ESD Protection............................................................................................................................................................ 22
5
Pin Configuration and Package ................................................................................................................................... 22
5.1
SOT89-5 Package Pin-out and Dimensions for the ZLED7020 ........................................................................... 22
5.2
DFN-5 Package Pin-out and Dimensions for the ZLED7320, ZLED7520 and ZLED7720 ................................... 24
6
Ordering Information ................................................................................................................................................... 26
7
Related Documents..................................................................................................................................................... 26
8
Glossary ...................................................................................................................................................................... 26
9
Document Revision History ......................................................................................................................................... 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com