Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7320 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZLED7320
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7320 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZLED7320 Datasheet HTML 8Page - Renesas Technology Corp ZLED7320 Datasheet HTML 9Page - Renesas Technology Corp ZLED7320 Datasheet HTML 10Page - Renesas Technology Corp ZLED7320 Datasheet HTML 11Page - Renesas Technology Corp ZLED7320 Datasheet HTML 12Page - Renesas Technology Corp ZLED7320 Datasheet HTML 13Page - Renesas Technology Corp ZLED7320 Datasheet HTML 14Page - Renesas Technology Corp ZLED7320 Datasheet HTML 15Page - Renesas Technology Corp ZLED7320 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
12
April 20, 2016
Rs
V
1
.
0
I
OUTnom =
S
ADJ
OUTdc
R
V
083
.
0
I
=
2
Circuit Description
2.1
ZLED7x20 Overview
The ZLED7x20 is a continuous-mode inductive step-down converter LED driver for driving single or multiple
series-connected LEDs from a voltage input higher than the LED voltage (Vin = 6 to 40 VDC; see section 3.2.2 for
important details). The ZLED7x20 provides an adjustable output current (1.2A maximum for ZLED7020; 1.0A
maximum for ZLED7320; 0.75A maximum for ZLED7520; 0.35A maximum for ZLED7720), which is nominally set
via an external sense resistor Rs and controlled by the ZLED7x20’s integrated high-side output current-sensing
circuit and output switch. An external control signal (e.g., DC voltage, PWM waveform, or microprocessor signal)
on the ADJ pin can be used to linearly adjust the output for continuous, variable, or gated-output current. See
page 2 for a block diagram of the ZLED7x20.
The output can be turned off by applying a voltage
≤0.2V (typical) to the ADJ pin, which puts the ZLED7x20 in a
low-current standby state. See section 2.7 for a description of this shutdown mode.
Only a resistor, a diode, an inductor, and three capacitors are needed for a typical basic application. Refer to the
application circuits in section 3 for the location of the components referenced in the following sections.
2.2
Control of Output Current via External Sense Resistor Rs
External sense resistor Rs, which is connected between the VIN and ISENSE pins as shown in Figure 3.1, sets
IOUTnom, the nominal average output current. Equation (1) can be used to calculate the nominal output current,
which is the LX switch output current ILX if the ADJ pin is floating (VADJ = VREF =1.2V). See section 3.3.1 for
recommended values for Rs in a typical basic application and section 3.4 for layout guidelines for Rs. Note that
the peak IOUTnom including ripple (see section 3.3.5) must not exceed the maximum current specifications (1.3.10).
(1)
2.3
Control of Output Current via an External DC Control Voltage on the ADJ Pin
An external DC voltage (VADJ) input on the ADJ pin can control brightness by setting the output current to a value
below the nominal average current IOUTnom determined by RS. With this method, the output current can be adjusted
from 25% to 100% of IOUTnom. The DC voltage source must be capable of driving the ADJ pin’s input impedance
RADJ (50
0kΩ ± approximately 25%; internal pull-up resistor to V
REF). See Figure 3.2 for a typical application circuit.
The nominal average output current IOUTdc resulting from an external DC control voltage VADJ can be calculated via
equation (2) where 0.3V
≤ V
ADJ
≤1.2V:
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com