Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP5610QTA Datasheet (PDF) - Diodes Incorporated

BCP5610QTA Datasheet PDF - Diodes Incorporated
Part # BCP5610QTA
Download  BCP5610QTA Download
File Size   557.35 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN MEDIUM POWER TRANSISTOR IN SOT223

BCP5610QTA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP5610QTA Datasheet PDF - Diodes Incorporated

Part # BCP5610QTA
Download  BCP5610QTA Click to download

File Size   557.35 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN MEDIUM POWER TRANSISTOR IN SOT223

BCP5610QTA Datasheet (HTML) - Diodes Incorporated


BCP5610QTA Product details

Features
 BVCEO > 80V
 IC = 1A High Continuous Collector Current
 ICM = 2A Peak Pulse Current
 2W Power Dissipation
 Low Saturation Voltage VCE(SAT) < 500mV @ 0.5A
 Complementary PNP Type: BCP5316Q
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
 PPAP Capable (Note 4)




Similar Part No. - BCP5610QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCP5610QTA DIODES-BCP5610QTA Datasheet
444Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
More results


Similar Description - BCP5610QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT857TA DIODES-FZT857TA Datasheet
322Kb / 7P
300V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
BCP5316Q DIODES-BCP5316Q_15 Datasheet
283Kb / 6P
80V PNP MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
BCP5616Q DIODES-BCP5616Q_15 Datasheet
457Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 2
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
BCP5316Q DIODES-BCP5316Q Datasheet
406Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
BCP5610Q DIODES-BCP5610Q Datasheet
444Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5616TQ DIODES-BCP5616TQ Datasheet
556Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT223
January 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com