Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT857TA Datasheet (PDF) - Diodes Incorporated

FZT857TA Datasheet PDF - Diodes Incorporated
Part # FZT857TA
Download  FZT857TA Download
File Size   322.84 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300V NPN MEDIUM POWER TRANSISTOR IN SOT223

FZT857TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT857TA Datasheet PDF - Diodes Incorporated

Part # FZT857TA
Download  FZT857TA Click to download

File Size   322.84 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300V NPN MEDIUM POWER TRANSISTOR IN SOT223

FZT857TA Datasheet (HTML) - Diodes Incorporated


FZT857TA Product details

Features
• BVCEO > 300V
• IC = 3.5A High Continuous Collector Current
• ICM = 5A Peak Pulse Current
• Very Low Saturation Voltage VCE(SAT) < 155mV @ 1A
• RCE(SAT) = 87mΩ for a Low Equivalent On-Resistance
• hFE Specified Up to 3A for a High Gain Hold-Up
• Complementary PNP Type: FZT957
• Lead-Free Finish; RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FZT857TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT857TA DIODES-FZT857TA Datasheet
446Kb / 7P
300V NPN MEDIUM POWER TRANSISTOR
Rev 9
More results


Similar Description - FZT857TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT655TA DIODES-FZT655TA Datasheet
216Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT855TA DIODES-FZT855TA Datasheet
406Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT489 DIODES-FZT489_15 Datasheet
789Kb / 7P
30V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 5
FZT857 DIODES-FZT857_15 Datasheet
576Kb / 7P
300V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 8
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
300V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com