Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT855TA Datasheet (PDF) - Diodes Incorporated

FZT855TA Datasheet PDF - Diodes Incorporated
Part # FZT855TA
Download  FZT855TA Download
File Size   406.13 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN MEDIUM POWER TRANSISTOR IN SOT223

FZT855TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT855TA Datasheet PDF - Diodes Incorporated

Part # FZT855TA
Download  FZT855TA Click to download

File Size   406.13 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN MEDIUM POWER TRANSISTOR IN SOT223

FZT855TA Datasheet (HTML) - Diodes Incorporated


FZT855TA Product details

Features
• BVCEO > 150V
• IC = 5A high Continuous Collector Current
• ICM = 10A Peak Pulse Current
• Very Low Saturation Voltage VCE(sat) < 110mV @ 1A
• RCE(sat) = 50mΩ for a Low Equivalent On-Resistance
• hFE Specified Up to 10A for a High Gain Hold Up
• Complementary PNP Type: FZT955
• Lead-Free Finish; RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT855TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT855TA DIODES-FZT855TA Datasheet
511Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR
Rev 7
More results


Similar Description - FZT855TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT857TA DIODES-FZT857TA Datasheet
322Kb / 7P
300V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
FZT655TA DIODES-FZT655TA Datasheet
216Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT489 DIODES-FZT489_15 Datasheet
789Kb / 7P
30V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT491A DIODES-FZT491A_15 Datasheet
728Kb / 7P
40V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT855 DIODES-FZT855_15 Datasheet
636Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
FZT755 DIODES-FZT755_15 Datasheet
620Kb / 7P
150V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com