Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6402A Datasheet (PDF) - Renesas Technology Corp

ISL6402A Datasheet PDF - Renesas Technology Corp
Part # ISL6402A
Download  ISL6402A Download
File Size   797.8 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller

ISL6402A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6402A Datasheet PDF - Renesas Technology Corp

Part # ISL6402A
Download  ISL6402A Click to download

File Size   797.8 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller

ISL6402A Datasheet (HTML) - Renesas Technology Corp


ISL6402A Product details

Features
• Wide Input Supply Voltage Range . . . . . . . . . 4.5V to 24V
• Three Independently Programmable Output Voltages
• Switching Frequency . . . . . . . . . . . . . . . . . . . . . . .1.4MHz
• Out of Phase PWM Controller Operation
- Reduces Required Input Capacitance and Power
Supply Induced Loads
• No External Current Sense Resistor
- Uses Lower MOSFET’s rDS(ON)
• Bi-directional Frequency Synchronization for
Synchronizing Multiple ISL6402As
• Programmable Soft-Start
• Extensive circuit protection functions
- PGOOD
- UVLO
- Overcurrent
- Overtemperature
- Independent Shutdown for Both PWMs
• Excellent Dynamic Response
- Voltage Feed-Forward with Current Mode Control
• QFN Packages:
- QFN - Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Available (RoHS Compliant)




Similar Part No. - ISL6402A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402AIR INTERSIL-ISL6402AIR Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402AIR-T INTERSIL-ISL6402AIR-T Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402AIR-TK INTERSIL-ISL6402AIR-TK Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402AIRZ INTERSIL-ISL6402AIRZ Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
More results


Similar Description - ISL6402A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
November 8, 2004
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
October 4, 2005
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
October 4, 2005
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 7, 2007
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
May 26, 2009
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
June 3, 2008
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com