Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6441 Datasheet (PDF) - Intersil Corporation

ISL6441 Datasheet PDF - Intersil Corporation
Part # ISL6441
Download  ISL6441 Download
File Size   340.91 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller

ISL6441 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6441 Datasheet PDF - Intersil Corporation

Part # ISL6441
Download  ISL6441 Click to download

File Size   340.91 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller

ISL6441 Datasheet (HTML) - Intersil Corporation


ISL6441 Product details

1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller

The ISL6441 is a high-performance, triple-output controller optimized for converting wall adapter, battery or network intermediate bus DC input supplies into the system supply voltages required for a wide variety of applications. Each output is adjustable down to 0.8V. The two PWMs are synchronized 180o out of phase reducing the RMS input current and ripple voltage.

Features
• Wide Input Supply Voltage Range
    - 5.6V to 24V
    - 4.5V to 5.6V
• Three Independently Programmable Output Voltages
• Switching Frequency . . . . . . . . . . . . . . . . . . . . . . .1.4MHz
• Out of Phase PWM Controller Operation
    - Reduces Required Input Capacitance and Power Supply Induced Loads
• No External Current Sense Resistor
    - Uses Lower MOSFET’s rDS(ON)
• Bi-directional Frequency Synchronization for Synchronizing Multiple ISL6441s
• Programmable Soft-Start
• Extensive Circuit Protection Functions
    - PGOOD
    - UVLO
    - Overcurrent
    - Overtemperature
    - Independent Shutdown for Both PWMs
• Excellent Dynamic Response
    - Voltage Feed-Forward with Current Mode Control
• QFN Package:
    - QFN - Compliant to JEDEC PUB95 MO-220
        QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Power Supplies with Multiple Outputs
• xDSL Modems/Routers
• DSP, ASIC, and FPGA Power Supplies
• Set-Top Boxes
• Dual Output Supplies for DSP, Memory, Logic, µP Core and I/O
• Telecom Systems




Similar Part No. - ISL6441

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6441EVAL1 INTERSIL-ISL6441EVAL1 Datasheet
1Mb / 29P
High Voltage ORing MOSFET Controller
October 8, 2010
ISL6441EVAL1Z INTERSIL-ISL6441EVAL1Z Datasheet
1Mb / 30P
High Voltage ORing MOSFET Controller
October 6, 2011
logo
Renesas Technology Corp
ISL6441EVAL1Z RENESAS-ISL6441EVAL1Z Datasheet
1Mb / 30P
High Voltage ORing MOSFET Controller
ISL6441IRZ RENESAS-ISL6441IRZ Datasheet
851Kb / 19P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results


Similar Description - ISL6441

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
November 8, 2004
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
October 4, 2005
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
October 4, 2005
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 7, 2007
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
June 3, 2008
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com