Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28276FBZ Datasheet (PDF) - Renesas Technology Corp

ISL28276FBZ Datasheet PDF - Renesas Technology Corp
Part # ISL28276FBZ
Download  ISL28276FBZ Download
File Size   1429.98 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp

ISL28276FBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28276FBZ Datasheet PDF - Renesas Technology Corp

Part # ISL28276FBZ
Download  ISL28276FBZ Click to download

File Size   1429.98 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp

ISL28276FBZ Datasheet (HTML) - Renesas Technology Corp


ISL28276FBZ Product details

Features
• Low power 120μA typical supply current (ISL28276)
• 100μV maximum offset voltage
• 500pA typical input bias current
• 400kHz typical gain-bandwidth product
• 115dB typical PSRR and CMRR
• Single supply operation down to 2.4V
• Input is capable of swinging above V+ and to V- (ground
sensing)
• Rail-to-rail input and output (RRIO)
• Pb-free (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 25mA current loops
• Handheld consumer products
• Medical devices
• Thermocouple amplifiers
• Photodiode pre-amps
• pH probe amplifiers




Similar Part No. - ISL28276FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28276FBZ INTERSIL-ISL28276FBZ Datasheet
972Kb / 19P
Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
More results


Similar Description - ISL28276FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 28, 2006
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 22, 2006
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 20, 2006
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
July 11, 2007
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
June 28, 2007
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com