Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8282M Datasheet (PDF) - Renesas Technology Corp

ISL8282M Datasheet PDF - Renesas Technology Corp
Part # ISL8282M
Download  ISL8282M Download
File Size   2564.93 Kbytes
Page   51 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15A High Efficiency Hybrid Digital Step-Down Power Module

ISL8282M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8282M Datasheet PDF - Renesas Technology Corp

Part # ISL8282M
Download  ISL8282M Click to download

File Size   2564.93 Kbytes
Page   51 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15A High Efficiency Hybrid Digital Step-Down Power Module

ISL8282M Datasheet (HTML) - Renesas Technology Corp


ISL8282M Product details

Features
• Proprietary Renesas R4 Technology
• Linear control loop for optimal transient response
• Variable frequency and duty cycle control during
load transient for fastest possible response
• Inherent voltage feed-forward for wide range
input
• Input voltage range: 4.5V to 16.5V
• Output voltage range: 0.5V to 5V
• ±1.5% load/line/temperature regulation with remote
sense
• Supports all ceramic solutions
• Integrated LDOs for single input rail solution
• SMBus/PMBus/I2C compatible up to 1.25MHz
• 256 boot-up voltage levels with a configuration pin
• Seven switching frequency options from 300kHz to
1MHz
• PFM operation option for improved light-load
efficiency
• Startup into precharged load
• Power-good monitor for soft-start and fault detection
• Comprehensive fault protection for high system
reliability
• Over-temperature protection
• Output overcurrent and short-circuit protection
• Output overvoltage and undervoltage protection
• Open remote sense protection
• Input UVLO and power sequence, fault reset
• Compatible with Renesas PowerNavigator™
software
• Thermally enhanced 12mmx11mmx5.3mm HDA
package
Related Literature
For a full list of related documents, visit our website:
• ISL8282M device page




Similar Part No. - ISL8282M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8280M RENESAS-ISL8280M Datasheet
2Mb / 51P
10A High Efficiency Hybrid Digital Step-Down Power Module
Feb 15, 2019
ISL8280MEVAL1Z RENESAS-ISL8280MEVAL1Z Datasheet
2Mb / 51P
10A High Efficiency Hybrid Digital Step-Down Power Module
Feb 15, 2019
ISL8280MFRZ RENESAS-ISL8280MFRZ Datasheet
2Mb / 51P
10A High Efficiency Hybrid Digital Step-Down Power Module
Feb 15, 2019
ISL8280MFRZ-T RENESAS-ISL8280MFRZ-T Datasheet
2Mb / 51P
10A High Efficiency Hybrid Digital Step-Down Power Module
Feb 15, 2019
ISL8280MFRZ-T1 RENESAS-ISL8280MFRZ-T1 Datasheet
2Mb / 51P
10A High Efficiency Hybrid Digital Step-Down Power Module
Feb 15, 2019
More results


Similar Description - ISL8282M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
December 3, 2012
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
MPM3684 MPS-MPM3684 Datasheet
1Mb / 19P
18V 15A Step-Down Power Module in 12x15x4mm QFN
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
Dual 15A/Single 30A Step-Down Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
18V 15A Step-Down Power Module Evaluation Board
logo
Renesas Technology Corp
ISL8210M RENESAS-ISL8210M Datasheet
2Mb / 41P
10A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8280M RENESAS-ISL8280M Datasheet
2Mb / 51P
10A High Efficiency Hybrid Digital Step-Down Power Module
Feb 15, 2019
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com