Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF5509 Datasheet (PDF) - Guerrilla RF, Inc.

GRF5509 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5509
Download  GRF5509 Download
File Size   3477.18 Kbytes
Page   22 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH EFFICIENCY, 4-WATT PA 0.7 to 1 GHz

GRF5509 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5509 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5509
Download  GRF5509 Click to download

File Size   3477.18 Kbytes
Page   22 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH EFFICIENCY, 4-WATT PA 0.7 to 1 GHz

GRF5509 Datasheet (HTML) - Guerrilla RF, Inc.


GRF5509 Product details

FEATURES
Flexible Bias Voltage and Current
125 mA Native Mode Quiescent Current Consumption
5 V Supply Voltage
50 Ω Single-ended Input and Output Impedances
-40 to 85 °C Operating Temperature Range
Compact 3 x 3 mm QFN-16 Package
Process: InGaP HBT
Reference: 5 V / 915 MHz / 125 mA ICCQ
Gain: 33.4 dB
ICCQ: 125 mA
PSAT: 36.4 dBm
OP1dB: 35.5 dBm
PAE: 55% @PSAT
Evaluation Board Noise Figure: 3.7 dB

APPLICATIONS
900 MHz ISM
Automatic Meter Reader
RFID




Similar Part No. - GRF5509

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5504 GUERRILLA-GRF5504 Datasheet
964Kb / 16P
High Efficiency, 3.5 Watt PA Tuning Range: 0.4 to 0.5 GHz
02/16/21
GRF5506 GUERRILLA-GRF5506 Datasheet
4Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 0.66 to 0.72 GHz
March 1, 2022
GRF5507 GUERRILLA-GRF5507 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5508 GUERRILLA-GRF5508 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
More results


Similar Description - GRF5509

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
437Kb / 7P
27- 32 GHz 0.7 Watt Power Amplifier
logo
Skyworks Solutions Inc.
AV101-12 SKYWORKS-AV101-12 Datasheet
185Kb / 4P
HIP3 Variable Attenuator 0.7-1 GHz
logo
SiGe Semiconductor, Inc...
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC_15 Datasheet
441Kb / 7P
27 32 GHz 0.7 Watt Power Amplifier
logo
Pasternack Enterprises,...
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
0.7 GHz to 6 GHz Frequency Range
logo
Skyworks Solutions Inc.
SKY12228-12LF SKYWORKS-SKY12228-12LF Datasheet
856Kb / 9P
High IIP3, 0.7 to 1.0 GHz Variable Attenuator
SKY13523-639LF SKYWORKS-SKY13523-639LF Datasheet
491Kb / 9P
0.7 to 3.0 GHz High-Isolation SP3T Switch
SKY65364-21 SKYWORKS-SKY65364-21 Datasheet
722Kb / 14P
High-efficiency PA
SKY13597-684LF SKYWORKS-SKY13597-684LF Datasheet
174Kb / 2P
0.7 to 3.8 GHz SP4T High-Power Switch
logo
Guerrilla RF, Inc.
GRF5504 GUERRILLA-GRF5504 Datasheet
964Kb / 16P
High Efficiency, 3.5 Watt PA Tuning Range: 0.4 to 0.5 GHz
02/16/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com