Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF5504 Datasheet (PDF) - Guerrilla RF, Inc.

GRF5504 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5504
Download  GRF5504 Download
File Size   964.71 Kbytes
Page   16 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description High Efficiency, 3.5 Watt PA Tuning Range: 0.4 to 0.5 GHz

GRF5504 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5504 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5504
Download  GRF5504 Click to download

File Size   964.71 Kbytes
Page   16 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description High Efficiency, 3.5 Watt PA Tuning Range: 0.4 to 0.5 GHz

GRF5504 Datasheet (HTML) - Guerrilla RF, Inc.


GRF5504 Product details

Features
Reference: 5.0V/460MHz/CW
• Gain: 41.0 dB
• Iccq: 125 mA
• OP1dB: 34.8 dBm
• Psat: 35.5 dBm
• PAE at Psat: 64%
• Flexible Bias Voltage and Current
• Process: InGaP HBT

Applications
• UHF
• Automatic Meter Reader
• RFID




Similar Part No. - GRF5504

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5506 GUERRILLA-GRF5506 Datasheet
4Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 0.66 to 0.72 GHz
March 1, 2022
GRF5507 GUERRILLA-GRF5507 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5508 GUERRILLA-GRF5508 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5509 GUERRILLA-GRF5509 Datasheet
3Mb / 22P
HIGH EFFICIENCY, 4-WATT PA 0.7 to 1 GHz
September 29, 2022
More results


Similar Description - GRF5504

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9321 TRIQUINT-TQP9321_15 Datasheet
454Kb / 7P
High Efficiency 0.5 W Small Cell PA
logo
Guerrilla RF, Inc.
GRF2101 GUERRILLA-GRF2101 Datasheet
858Kb / 12P
High Gain, Ultra-LNA Tuning Range: 4.0 to 10.0 GHz
GRF2130 GUERRILLA-GRF2130 Datasheet
725Kb / 10P
Ultra-High Gain LNA Tuning Range: 0.7 to 3.8 GHz
GRF2171 GUERRILLA-GRF2171 Datasheet
725Kb / 11P
High Gain Ultra LNA Tuning Range: 2.5 to 5.0 GHz
GRF2243 GUERRILLA-GRF2243 Datasheet
1Mb / 18P
LNA with Bypass Tuning Range: 0.4 to 5.0 GHz
GRF4107 GUERRILLA-GRF4107 Datasheet
866Kb / 12P
Ultra-linear PA/Driver??Tuning Range: 0.1 ??3.8 GHz
GRF5517 GUERRILLA-GRF5517 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF2133 GUERRILLA-GRF2133 Datasheet
1,004Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
05/28/21
GRF2133W GUERRILLA-GRF2133W Datasheet
1,010Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
1/26/23
GRF5509 GUERRILLA-GRF5509 Datasheet
3Mb / 22P
HIGH EFFICIENCY, 4-WATT PA 0.7 to 1 GHz
September 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com