Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF5506 Datasheet (PDF) - Guerrilla RF, Inc.

GRF5506 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5506
Download  GRF5506 Download
File Size   4218.42 Kbytes
Page   25 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH LINEARITY POWER AMPLIFIER 0.66 to 0.72 GHz

GRF5506 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5506 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5506
Download  GRF5506 Click to download

File Size   4218.42 Kbytes
Page   25 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH LINEARITY POWER AMPLIFIER 0.66 to 0.72 GHz

GRF5506 Datasheet (HTML) - Guerrilla RF, Inc.


GRF5506 Product details

FEATURES
Excellent OP1dB, OIP3, ACLR and IM3 Performance
Native Linearity Provides up to +25 dBm POUT with
> 45 dBc ACLR – Without the Need for Digital
Predistortion Correction
+24.5 dBm Linear Output Power Maintained at 85 °C
Flexible Biasing Provides Latitude for Linearity
Optimization
190 mA Native Mode Quiescent Current Consumption
5 V Supply Voltage
50 Ω Single-ended Input and Output Impedances
Digital Shutdown
Rugged Design is Extremely Resilient to Mismatched
Loads
-40 to 85 °C Operating Temperature Range
Compact 3 x 3 mm QFN-16 Package
Reference: 5 V / 690 MHz / 190 mA ICCQ
Gain: 28.4 dB
OIP3: 46.8 dBm @ 23 dBm POUT/tone
OP1dB: 33.3 dBm
Noise Figure: 4.5 dB
APPLICATIONS
Cellular Boosters/Repeaters
Automotive Compensators
Picocells/Femtocells
Cellular DAS
Customer Premise Equipment
Wireless Infrastructure




Similar Part No. - GRF5506

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5504 GUERRILLA-GRF5504 Datasheet
964Kb / 16P
High Efficiency, 3.5 Watt PA Tuning Range: 0.4 to 0.5 GHz
02/16/21
GRF5507 GUERRILLA-GRF5507 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5508 GUERRILLA-GRF5508 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5509 GUERRILLA-GRF5509 Datasheet
3Mb / 22P
HIGH EFFICIENCY, 4-WATT PA 0.7 to 1 GHz
September 29, 2022
More results


Similar Description - GRF5506

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST12LP10 SST-SST12LP10 Datasheet
193Kb / 12P
2.4 GHz High-Linearity Power Amplifier
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
GRF5518W GUERRILLA-GRF5518W Datasheet
5Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 1.8 to 1.91 GHz
January 24, 2023
GRF5526W GUERRILLA-GRF5526W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz
January 27, 2023
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
GRF5536W GUERRILLA-GRF5536W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com