Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL74422ARH Datasheet (PDF) - Renesas Technology Corp

ISL74422ARH Datasheet PDF - Renesas Technology Corp
Part # ISL74422ARH
Download  ISL74422ARH Download
File Size   142.8 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers

ISL74422ARH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL74422ARH Datasheet PDF - Renesas Technology Corp

Part # ISL74422ARH
Download  ISL74422ARH Click to download

File Size   142.8 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers

ISL74422ARH Datasheet (HTML) - Renesas Technology Corp


ISL74422ARH Product details

Features
• QML Qualified per MIL-PRF-38535 Requirements
• Electrically Screened to DSCC SMD # 5962-01521
• Radiation Environment
- Total Dose (Max) . . . . . . . . . . . . . 300krad(SI)
- Latch-Up Immune
• IPEAK . . . . . . . . . . . . . . . . . . . . . . . . . . 9A(Min)
• TF (CL = 10,000pF) . . . . . . 70ns(Typ); 90ns(Max)
• TR (CL = 10,000pF) . . . . . 90ns(Typ); 105ns(Max)
• Prop Delay High-Low (CL = 10,000pF)
. . . . . . . . . . . . . . . . . . . . 75ns(Max), 55ns(Typ)
• Prop Delay Low-High (CL = 10,000pF)
. . . . . . . . . . . . . . . . . . . . 50ns(Max), 30ns(Typ)
• Consistent Delay Times with VCC Changes
• Wide Supply Voltage Range . . . . . . . . .7V to 18V
• Low Stand-by Power Consumption
- Input Low . . . . . . . . . . . . . . . . . .<2mW(Max)
- Inputs High . . . . . . . . . . . . . . . . <18mW(Max)
• ESD Protected . . . . . . . . . . . . . . . . . . . . >1750V
Applications
• Switching Power Supplies
• DC/DC Converters
• Motor Controllers




Similar Part No. - ISL74422ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
ISL74422ARHF/PROTO INTERSIL-ISL74422ARHF/PROTO Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
ISL74422ARHY/SAMPLE INTERSIL-ISL74422ARHY/SAMPLE Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
More results


Similar Description - ISL74422ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
1999 06
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
1999 06
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com