Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-4424RH Datasheet (PDF) - Intersil Corporation

HS-4424RH Datasheet PDF - Intersil Corporation
Part # HS-4424RH
Download  HS-4424RH Download
File Size   56.52 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers

HS-4424RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-4424RH Datasheet PDF - Intersil Corporation

Part # HS-4424RH
Download  HS-4424RH Click to download

File Size   56.52 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers

HS-4424RH Datasheet (HTML) - Intersil Corporation


HS-4424RH Product details

The Radiation Hardened HS-4424RH and HS-4424BRH are non-inverting, dual, monolithic high-speed MOSFET drivers designed to convert TTL level signals into high current outputs at voltages up to 18V.

The inputs of these devices are TTL compatible and can be directly driven by our HS-1825ARH PWM device or by our ACS/ACTS and HCS/HCTS type logic devices. The fast rise times and high current outputs allow very quick control of high gate capacitance power MOSFETs, like our Rad Hard FS055, in high frequency applications.

The high current outputs minimize power losses in MOSFETs by rapidly charging and discharging the gate capacitance. The output stage incorporates a low voltage lock-out circuit that puts the outputs into a three-state mode when the supply voltage drops below 10V for the HS-4424RH and 7.5V for the HS-4424BRH.



Features

• Electrically Screened to DESC SMD # 5962-99560

• QML Qualified per MIL-PRF-38535 Requirements

• Radiation Environment

   - Total Dose (Max). . . . . . . . . . . . . . . . . .3 x 105 RAD(SI)

   - Latch-Up Immune

   - Low Dose Rate Immune

• IPEAK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2A (Min)

• Matched Rise and Fall Times (CL = 4300pF). . .75ns (Max)

• Low Voltage Lock-Out Feature

   - HS-4424RH . . . . . . . . . . . . . . . . . . . . . . . . . . . < 10.0V

   - HS-4424BRH . . . . . . . . . . . . . . . . . . . . . . . . . . . < 7.5V

• Wide Supply Voltage Range. . . . . . . . . . . . . . . 12V to 18V

• Prop Delay . . . . . . . . . . . . . . . . . . . . . . . . . . .250ns (Max)

• Consistent Delay Times with VCC Changes

• Low Power Consumption

   - 40mW with Inputs High

   - 20mW with Inputs Low

• Low Equivalent Input Capacitance . . . . . . . . . .3.2pF (Typ)

• ESD Protected . . . . . . . . . . . . . . . . . . . . . . . . . . . >4000V



Applications

• Switching Power Supplies

• DC/DC Converters

• Motor Controllers



 




Similar Part No. - HS-4424RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4424RH INTERSIL-HS-4424RH Datasheet
528Kb / 15P
Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
HS-4424RH INTERSIL-HS-4424RH Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
logo
Renesas Technology Corp
HS-4424RH RENESAS-HS-4424RH Datasheet
255Kb / 6P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
Jun.11.19
HS-4424RH RENESAS-HS-4424RH Datasheet
680Kb / 18P
Dual, Noninverting Power MOSFET Radiation Hardened Drivers
Jan 12, 2021
logo
Intersil Corporation
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
More results


Similar Description - HS-4424RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
1999 06
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4424DRH INTERSIL-HS-4424DRH Datasheet
528Kb / 15P
Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com