Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-4424RH Datasheet (PDF) - Renesas Technology Corp

HS-4424RH Datasheet PDF - Renesas Technology Corp
Part # HS-4424RH
Download  HS-4424RH Download
File Size   255.91 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers

HS-4424RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-4424RH Datasheet PDF - Renesas Technology Corp

Part # HS-4424RH
Download  HS-4424RH Click to download

File Size   255.91 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers

HS-4424RH Datasheet (HTML) - Renesas Technology Corp


HS-4424RH Product details

Features
• Electrically screened to DESC SMD # 5962-99560
• QML qualified per MIL-PRF-38535 requirements
• Radiation environment
○ High dose rate (50-300rad(Si)/s): 300krad(Si)
○ Latch-up immune
○ Low dose rate (0.01rad(Si)/s): 50krad(Si)
(EH products only)
• IPEAK: >2A (min)
• Matched rise and fall times (CL = 4300pF): 75ns
(maximum)
• Low voltage lockout feature
○ HS-4424RH, HS-4424EH: <10.0V
○ HS-4424BRH, HS-4424BEH: <7.5V
• Wide supply voltage range: 12V to 18V
• Prop delay: 250ns (maximum)
• Consistent delay times with VCC changes
• Low power consumption
○ 40mW with inputs high
○ 20mW with inputs low
• Low equivalent input capacitance: 3.2pF (typical)
• ESD protected: >4000V




Similar Part No. - HS-4424RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
1999 06
HS-4424RH INTERSIL-HS-4424RH Datasheet
528Kb / 15P
Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
HS-4424RH INTERSIL-HS-4424RH Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
logo
Renesas Technology Corp
HS-4424RH RENESAS-HS-4424RH Datasheet
680Kb / 18P
Dual, Noninverting Power MOSFET Radiation Hardened Drivers
Jan 12, 2021
logo
Intersil Corporation
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
More results


Similar Description - HS-4424RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
1999 06
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
1999 06
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4424DRH INTERSIL-HS-4424DRH Datasheet
528Kb / 15P
Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com