Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-4423RH Datasheet (PDF) - Intersil Corporation

HS-4423RH Datasheet PDF - Intersil Corporation
Part # HS-4423RH_14
Download  HS-4423RH Download
File Size   201.96 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual, Inverting Power MOSFET Drivers

HS-4423RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-4423RH Datasheet PDF - Intersil Corporation

Part # HS-4423RH_14
Download  HS-4423RH Click to download

File Size   201.96 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual, Inverting Power MOSFET Drivers

HS-4423RH Datasheet (HTML) - Intersil Corporation


HS-4423RH Product details

The Radiation Hardened HS-4423RH, HS-4423EH,
HS-4423BRH, HS-4423BEH are inverting, dual, monolithic
high-speed MOSFET drivers designed to convert TTL level
signals into high current outputs at voltages up to 18V.
The inputs of these devices are TTL compatible and can be
directly driven by our HS-1825ARH PWM device or by our
ACS/ACTS and HCS/HCTS type logic devices. The fast rise
times and high current outputs allow very quick control of high
gate capacitance power MOSFETs in high frequency
applications.
The high current outputs minimize power losses in MOSFETs by
rapidly charging and discharging the gate capacitance. The
output stage incorporates a low voltage lock-out circuit that
puts the outputs into a three-state mode when the supply
voltage drops below 10V for the HS-4423RH, HS-4423EH and
7.5V for the HS-4423BRH and HS-4423BEH.
Constructed with the Intersil dielectrically isolated Rad Hard
Silicon Gate (RSG) BiCMOS process, these devices are immune
to Single Event Latch-up and have been specifically designed
to provide highly reliable performance in harsh radiation
environments

Features
• Electrically screened to DLA SMD # 5962-99511
• QML qualified per MIL-PRF-38535 requirements
• EH version acceptance tested to 50krad(Si) (LDR)
• Radiation environment
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300krad(Si)
- Latch-up immune
- Low dose rate immune
• IPEAK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2A (typ)
• Matched rise and fall times (CL = 4300pF) . . . . . . . . 75ns (max)
• Low voltage lock-out feature
- HS-4423RH, HS-4423EH, . . . . . . . . . . . . . . . . . . . . . <10.0V
- HS-4423BRH, HS-4423BEH . . . . . . . . . . . . . . . . . . . . . <7.5V
• Wide supply voltage range . . . . . . . . . . . . . . . . . . . 12V to 18V
• Prop delay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250ns (max)
• Consistent delay times with VCC changes
• Low power consumption
- 40mW with inputs high
- 20mW with inputs low
• Low equivalent input capacitance . . . . . . . . . . . . . 3.2pF (typ)
• ESD protected. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V

Applications
• Switching power supplies
• DC/DC converters
• Motor controllers




Similar Part No. - HS-4423RH_14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
1999 06
logo
Renesas Technology Corp
HS-4423RH RENESAS-HS-4423RH Datasheet
256Kb / 3P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
More results


Similar Description - HS-4423RH_14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
1999 06
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
1999 06
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
logo
International Rectifier
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
RADIATION HARDENED POWER MOSFET
logo
Intersil Corporation
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4424DRH INTERSIL-HS-4424DRH Datasheet
528Kb / 15P
Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com