Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-4424DRH Datasheet (PDF) - Intersil Corporation

HS-4424DRH Datasheet PDF - Intersil Corporation
Part # HS-4424DRH
Download  HS-4424DRH Download
File Size   528.62 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, Noninverting Power MOSFET Radiation Hardened Drivers

HS-4424DRH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-4424DRH Datasheet PDF - Intersil Corporation

Part # HS-4424DRH
Download  HS-4424DRH Click to download

File Size   528.62 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, Noninverting Power MOSFET Radiation Hardened Drivers

HS-4424DRH Datasheet (HTML) - Intersil Corporation


HS-4424DRH Product details

The radiation hardened HS-4424 family are noninverting, dual,
monolithic high-speed MOSFET drivers designed to convert low
voltage control input signals into higher voltage, high current
outputs. The HS-4424DRH, HS-4424DEH are fully tested
across the 8V to 18V operating range.
The inputs of these devices can be directly driven by the
HS-1825ARH PWM device or by our ACS/ACTS and HCS/HCTS
type logic devices. The fast rise times and high current outputs
allow very quick control of high gate capacitance power
MOSFETs in high frequency applications.
The high current outputs minimize power losses in MOSFETs by
rapidly charging and discharging the gate capacitance. The
output stage incorporates a low voltage lockout circuit that
puts the outputs into a three-state mode when the supply
voltage is below its Undervoltage Lockout (UVLO) threshold
voltage.
Constructed with Intersil’s dielectrically isolated Rad Hard
Silicon Gate (RSG) BiCMOS process, these devices are immune
to single event latch-up and have been specifically designed to
provide highly reliable performance in harsh radiation
environments.

Features
• Electrically screened to DLA SMD# 5962-99560
• QML qualified per MIL-PRF-38535 requirements
• Latch-up immune
• Radiation environment
• High dose rate (50-300rad(Si)/s). . . . . . . . . . . . . 300krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . 50krad(Si)*
*Limit established by characterization
• IPEAK. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2A (minimum)
• Matched rise and fall times (CL = 4300pF). . 75ns (maximum)
• Low voltage lockout feature . . . . . . . . . . . . . . . . . . . . . . . . <8V
• Wide supply voltage range . . . . . . . . . . . . . . . . . . . . 8V to 18V
• Propagation delay . . . . . . . . . . . . . . . . . . . .250ns (maximum)
• Consistent delay times with VCC changes
• Low power consumption
- 40mW with inputs high
- 20mW with inputs low
• Low equivalent input capacitance . . . . . . . . . . 3.2pF (typical)
• ESD protected. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV

Applications
• Switching power supplies
• DC/DC converters
• Motor controllers




Similar Part No. - HS-4424DRH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-4424DRH RENESAS-HS-4424DRH Datasheet
680Kb / 18P
Dual, Noninverting Power MOSFET Radiation Hardened Drivers
Jan 12, 2021
More results


Similar Description - HS-4424DRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
1999 06
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
1999 06
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
RADIATION HARDENED POWER MOSFET
logo
Intersil Corporation
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com