Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3436 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DLPC3436 Datasheet PDF - Texas Instruments
Part # DLPC3436
Download  DLPC3436 Download
File Size   1883.58 Kbytes
Page   68 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DLPC3436 and DLPC3426 Display Controllers

DLPC3436 Datasheet (PDF)

Go To PDF Page Download Datasheet
DLPC3436 Datasheet PDF - Texas Instruments

Part # DLPC3436
Download  DLPC3436 Click to download

File Size   1883.58 Kbytes
Page   68 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DLPC3436 and DLPC3426 Display Controllers

DLPC3436 Datasheet (HTML) - Texas Instruments


DLPC3436 Product details

1 Features
• Display controllers for the DLP230NP or
DLP230NPSE (.23 1080p) DMD
– Supports input resolutions up to 1080p
– Low-power DMD interface
• Input frame rates up to 240 Hz (60 Hz at 1080p
resolution)
• Pixel data processing, including:
– IntelliBright™ suite of image processing
algorithms
• Content adaptive illumination control (CAIC)
• Local area brightness boost (LABB)
– 1D Keystone correction
– Color coordinate adjustment
– 4:2:2 to 4:4:4 chroma interpolation
• 24-bit, input pixel interface support:
– Parallel interface protocol
– Pixel clock up to 155 MHz
– Multiple input pixel data format options
• External flash support
• Auto DMD parking at power down
• Embedded frame memory (eDRAM)
• System features; including:
– I2C device control
– Programmable splash screens
– Programmable LED current control
• Pair with the DLPA2000, DLPA2005, DLPA3000,
or DLPA3005 PMIC (power management
integrated circuit) and LED driver

2 Applications
• DLP signage
• Mobile projector
• Mobile smart TV
• Tablet (multimedia)
• Augmented reality glasses
• Smart home displays
• Pico projectors

3 Description
The DLPC3436 and DLPC3426 display controllers,
components of the DLP230NP or DLP230NPSE .23
1080p chipset, support reliable operation of the
DLP230NP/NPSE digital micromirror device (DMD).
The DLPC34x6 controller provides a convenient,
multifunctional interface between system electronics
and the DMD, enabling a small form factor, low power,
and full HD displays.
Visit the Getting Started with TI DLP® PicoTM
Display Technology page to learn more about DMD
technology.
The DLP230NP/NPSE .23 1080p chipset includes
established resources to help the user accelerate the
design cycle, which include production ready optical
modules, optical modules manufactures, and design
houses.




Similar Part No. - DLPC3436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3436 TI1-DLPC3436 Datasheet
170Kb / 8P
Display Controller
DLPC3436CZVB TI1-DLPC3436CZVB Datasheet
170Kb / 8P
Display Controller
More results


Similar Description - DLPC3436

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35045 MITSUBISHI-M35045 Datasheet
567Kb / 37P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35054 MITSUBISHI-M35054 Datasheet
266Kb / 51P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
M35060 MITSUBISHI-M35060 Datasheet
260Kb / 42P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35046-XXXSP RENESAS-M35046-XXXSP Datasheet
423Kb / 35P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35048-XXXFP RENESAS-M35048-XXXFP Datasheet
511Kb / 37P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com