Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M35045 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M35045
Download  M35045 Download
File Size   567.86 Kbytes
Page   37 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35045 Datasheet (PDF)

Go To PDF Page Download Datasheet
M35045 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M35045
Download  M35045 Click to download

File Size   567.86 Kbytes
Page   37 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35045 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M35045 Product details

DESCRIPTION
The M35045-XXXSP/FP is a TV screen display control IC. It uses a silicon gate CMOS process and is housed in a 20-pin shrink DIP package (M35045-XXXSP) or a 20-pin shrink SOP package (M35045-XXXFP). For M35045-001SP/FP that is a standard ROM version of M35045-XXXSP/FP respectively, the character pattern is also mentioned.

FEATURES
• Screen composition .................................... 24 columns × 12 lines
• Number of characters displayed ...................................288 (Max.)
• Character composition ...................................... 12 × 18 dot matrix
• Characters available .............................................. 256 characters
• Character sizes available ..................... 4 (horizontal) × 4 (vertical)
• Display locations available
   Horizontal direction.............................................. 1000 locations
   Vertical direction .................................................. 1023 locations
• Blinking .................................................................. Character units
   Cycle : division of vertical synchronization signal into 64 or 32
   Duty : 25%, 50%, or 75%
• Data input .................................. By the 16-bit serial input function
• Coloring
   Character color ..................................................... Character unit
   Background coloring............................................. Character unit
   Matrix-outline (shadow) coloring .............. 8 colors (RGB output)
                                                                      Specified by register
   Border coloring ......................................... 8 colors (RGB output)
                                                                      Specified by register
   Raster coloring ......................................... 8 colors (RGB output)
                                                                      Specified by register
• Blanking Blanking off
                 Character size blanking
                 Border size blanking
                 Matrix-outline blanking
                 All blanking (all raster area)
• Output ports
   4 shared output ports (toggled between RGB output)
   4 dedicated output ports
• Display RAM erase function
• Display input frequency range ...................FOSC = 30MHz-80MHz

APPLICATION
   Monitor




Similar Part No. - M35045

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35045-XXXFP MITSUBISHI-M35045-XXXFP Datasheet
568Kb / 37P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35045-XXXSP MITSUBISHI-M35045-XXXSP Datasheet
568Kb / 37P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Similar Description - M35045

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com