Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Character size setting in the vertical
direction for the 2nd line.
Character size setting in the vertical
direction for the 3rd line.
Character size setting in the vertical
direction for the 4th line.
Character size setting in the vertical
direction for the 5th line.
Character size setting in the vertical
direction for the 6th line.
Character size setting in the vertical
direction for the 7th line.
Character size setting in the vertical
direction for the 8th line.
Character size setting in the vertical
direction for the 9th line.
Character size setting in the vertical
direction for the 1st line.
(display monitor 1 ~ 12 line)
Character size setting in the vertical
direction (display monitor 1 line) at “0”
state in register LIN2 ~ LIN17.
Character size setting in the vertical
direction (display monitor 1 line) at “1”
state in register LIN2 ~ LIN17.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(6) Address 12516
0
1
2
3
4
5
6
7
8
9
A
B
C
D
LIN2
LIN3
LIN4
LIN5
LIN6
LIN7
LIN8
LIN9
V1SZ0
V1SZ1
VSZ1L0
VSZ1L1
VSZ1H0
VSZ1H1
Register
DA
Status
Contents
Function
Remarks
The first line is set by VSZ1L0 and VSZ1L1.
The second to 12th lines are set by VSZ2L0 and VSZ2L1.
The first line is set by VSZ1H0 and VSZ1H1.
The second to 12th lines are set by VSZ2H0 and VSZ2H1.
The first line is set by VSZ1L0 and VSZ1L1.
The second to 12th lines are set by VSZ2L0 and VSZ2L1.
The first line is set by VSZ1H0 and VSZ1H1.
The second to 12th lines are set by VSZ2H0 and VSZ2H1.
The first line is set by VSZ1L0 and VSZ1L1.
The second to 12th lines are set by VSZ2L0 and VSZ2L1.
The first line is set by VSZ1H0 and VSZ1H1.
The second to 12th lines are set by VSZ2H0 and VSZ2H1.
The first line is set by VSZ1L0 and VSZ1L1.
The second to 12th lines are set by VSZ2L0 and VSZ2L1.
The first line is set by VSZ1H0 and VSZ1H1.
The second to 12th lines are set by VSZ2H0 and VSZ2H1.
The first line is set by VSZ1L0 and VSZ1L1.
The second to 12th lines are set by VSZ2L0 and VSZ2L1.
The first line is set by VSZ1H0 and VSZ1H1.
The second to 12th lines are set by VSZ2H0 and VSZ2H1.
The first line is set by VSZ1L0 and VSZ1L1.
The second to 12th lines are set by VSZ2L0 and VSZ2L1.
The first line is set by VSZ1H0 and VSZ1H1.
The second to 12th lines are set by VSZ2H0 and VSZ2H1.
The first line is set by VSZ1L0 and VSZ1L1.
The second to 12th lines are set by VSZ2L0 and VSZ2L1.
The first line is set by VSZ1H0 and VSZ1H1.
The second to 12th lines are set by VSZ2H0 and VSZ2H1.
The first line is set by VSZ1L0 and VSZ1L1.
The second to 12th lines are set by VSZ2L0 and VSZ2L1.
The first line is set by VSZ1H0 and VSZ1H1.
The second to 12th lines are set by VSZ2H0 and VSZ2H1.
H: Cycle with the horizontal synchronizing pulse
V1SZ1
0
0
1
1
V1SZ0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
H: Cycle with the horizontal synchronizing pulse
VSZ1L1
0
0
1
1
VSZ1L0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
H: Cycle with the horizontal synchronizing pulse
VSZ1H1
0
0
1
1
VSZ1H0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com