Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
12
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Sets the color of all blankings.
Sets the blanking color of the Border
size, or the shadow size.
Set this register to the character font
set by display RAM BR, BG and BB.
Character size setting in the vertical
direction for the first line.
Character size setting in the vertical
direction for the 2nd line to 12th line.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(8) Address 12716
0
1
2
3
4
5
6
7
8
9
A
B
C
D
RR
RG
RB
FR
FG
FB
TEST6
TEST7
TEST8
BETA14
HSZ10
HSZ11
HSZ20
HSZ21
Register
DA
Status
Contents
Function
Remarks
T: Display frequency cycle
HSZ11
0
0
1
1
HSZ10
0
1
0
1
Vertical direction size
1T/dot
2T/dot
3T/dot
4T/dot
T: Display frequency cycle
VSZ21
0
0
1
1
HSZ20
0
1
0
1
Vertical direction size
1T/dot
2T/dot
3T/dot
4T/dot
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Matrix-outline display (12
× 18 dot)
Matrix-outline display (14
× 18 dot)
RB
0
0
0
0
1
1
1
1
RG
0
0
1
1
0
0
1
1
RR
0
1
0
1
0
1
0
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
BB
0
0
0
0
1
1
1
1
BG
0
0
1
1
0
0
1
1
BR
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com