Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
EXAMPLE OF THE M35045-XXXSP/FP CLOCK PERIPHERAL CIRCUIT
Fig. 9
Example of the M35045-XXXSP peripheral circuit (M35045-XXXFP peripheral circuit is same as that of M35045-XXXSP)
Note for waveform timing of the horizontal sig-
nals to the HOR pin.
Set horizontal synchronous signal edge∗ waveform timing to under
5ns and input to HOR pin.
_
Set only the side which set by B/F register waveform timing under
5ns and input to HOR pin.
_
∗: Set front porch edge or back porch edge by B/F register.
Synchronous signal
generator
+ 5V
+ 5V
100µF
1µF
0.01µF
100µF
1µF
0.01µF
Microcomputer
Horizontal synchronous signal (5V)
Vertical synchronous signal (5V)
CPOUT
1
VIR
4700pF(Note2)
2.4k
Ω(Note1)
0.1
mF(Note2)
2
AC
3
CS
4
SCK
5
SIN
6
TCK
7
VDD1
8
P6
9
P7
10
20
19
18
17
16
15
14
13
12
11
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS
+ –
1µF
+ –
– +
B
BLNK0
G
R
Mixing
video pre - amp
Note 1 : Use this 1% precision element.
Note 2 : Use this 10% precision element.
Horizontal synchronous signal input
90%
10%
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com